Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4680
Description  Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 4 Page - Analog Devices

  AD4680 Datasheet HTML 1Page - Analog Devices AD4680 Datasheet HTML 2Page - Analog Devices AD4680 Datasheet HTML 3Page - Analog Devices AD4680 Datasheet HTML 4Page - Analog Devices AD4680 Datasheet HTML 5Page - Analog Devices AD4680 Datasheet HTML 6Page - Analog Devices AD4680 Datasheet HTML 7Page - Analog Devices AD4680 Datasheet HTML 8Page - Analog Devices AD4680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
AD7389-4
Data Sheet
Rev. 0 | Page 4 of 31
VCC = 3.0 V to3.6 V, VLOGIC = 1.65 V to 3.6 V, internal VREF = 2.5 V, TA = −40°C to +125°C, no oversampling enabled, unless otherwise
noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SAMPLING DYNAMICS
Input Bandwidth
At −0.1 dB
6.6
MHz
At −3 dB
26.8
MHz
Aperture Delay
26.2
ns
Aperture Delay Match
46.8
145
ps
Aperture Jitter
20
ps
REFERENCE OUTPUT
VREF Output Voltage
−40°C to +125°C
2.495
2.5
2.505
V
VREF Temperature Coefficient
2
10
ppm/°C
VREF Noise
7
µV rms
DIGITAL INPUTS (SCLK, SDI, CS)
Logic Levels
Input Low Voltage (VIL)
0.2 ×
VLOGIC
V
Input High Voltage (VIH)
0.8 × VLOGIC
V
Input Low Current (IIL)
−1
+1
µA
Input High Current (IIH)
−1
+1
µA
DIGITAL OUTPUTS (SDOA, SDOB, SDOC, SDOD/ALERT)
Output Coding
Twos complement
Bits
Output Low Voltage (VOL)
Current sink (ISINK) = 300 µA
0.4
V
Output High Voltage (VOH)
Current source (ISOURCE)= −300 µA
VLOGIC − 0.3
V
Floating State Leakage Current
±1
µA
Floating State Output Capacitance
10
pF
POWER SUPPLIES
VCC
3.0
3.3
3.6
V
VLOGIC
1.65
3.6
V
VCC Supply Current (IVCC)
Normal Mode (Operational)
21
23
mA
Normal Mode (Static)
1.7
2
mA
Shutdown Mode
101
200
µA
VLOGIC Current (IVLOGIC)
Analog inputs at positive full scale
Normal Mode (Static)
10
200
nA
Normal Mode (Operational)
3.7
4.1
mA
Shutdown Mode
10
200
nA
Power Dissipation
Total (PTOTAL)
89
98
mW
VCC Power (PVCC)
Normal Mode (Operational)
75.6
83
mW
Normal Mode (Static)
6.1
7.2
mW
Shutdown Mode
363.6
720
µW
VLOGIC Power (PVLOGIC)
Analog inputs at positive full scale
Normal Mode (Static)
36
720
nW
Normal Mode (Operational)
13.3
15
mW
Shutdown Mode
36
720
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com