Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 9 Page - Analog Devices

Part # AD4680
Description  Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD4680 Datasheet HTML 5Page - Analog Devices AD4680 Datasheet HTML 6Page - Analog Devices AD4680 Datasheet HTML 7Page - Analog Devices AD4680 Datasheet HTML 8Page - Analog Devices AD4680 Datasheet HTML 9Page - Analog Devices AD4680 Datasheet HTML 10Page - Analog Devices AD4680 Datasheet HTML 11Page - Analog Devices AD4680 Datasheet HTML 12Page - Analog Devices AD4680 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet
AD7389-4
Rev. 0 | Page 9 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
AIND–
GND
VCC
REGCAP
VLOGIC
GND
AINA+
GND
REFCAP
GND
REFOUT
CS
AD7389-4
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO GROUND.
Figure 9. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5, 14, 16
GND
Ground Reference Point. These pins are the ground reference points for all circuitry on the device.
2
VLOGIC
Logic Interface Supply Voltage, 1.65 V to 3.6 V. Decouple this pin to GND with a 1 µF capacitor.
3
REGCAP
Decoupling Capacitor Pin for Voltage Output from Internal Regulator. Decouple this pin to GND with a
1 µF capacitor. The voltage at this pin is 1.9 V typical.
4
VCC
Power Supply Input Voltage. 3.0 V to 3.6 V. Decouple this pin to GND using a 1 µF capacitor.
6, 7
AIND−, AIND+
Analog Inputs of ADC D. These analog inputs form a fully differential pair.
8, 9
AINC−, AINC+
Analog Inputs of ADC C. These analog inputs form a fully differential pair.
10, 11
AINB−, AINB+
Analog Inputs of ADC B. These analog inputs form a fully differential pair.
12, 13
AINA−, AINA+
Analog Inputs of ADC A. These analog inputs form a fully differential pair.
15
REFCAP
Decoupling Capacitor Pin for Bandgap Reference. Decouple this pin to GND with a 0.1 μF capacitor. The
voltage at this pin is 2.5 V typical.
17
REFOUT
Reference Output. Decoupling is required on this pin. Apply a 1 µF capacitor from this pin to GND.
18
CS
Chip Select Input. Active low, logic input. This input provides the dual function of initiating conversions
on the AD7389-4 and framing the serial data transfer.
19
SDOA
Serial Data Output A. This pin functions as a serial data output pin to access the conversion results and
register contents.
20
SDOB
Serial Data Output B. This pin functions as a serial data output pin to access the conversion results.
21
SDI
Serial Data Input. This input provides the data written to the on-chip control registers.
22
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC.
23
SDOC
Serial Data Output C. This pin functions as a serial data output pin to access the conversion results and
register contents.
24
SDOD/ALERT
Serial Data Output D (SDOD). This pin functions as a serial data output to access the conversion results.
Alert Indication Output (ALERT).This pin operates as an alert going low to indicate that a conversion
result has exceeded a configured threshold.
This pin can operate as a serial data output pin or alert indication output.
Not applicable
EPAD
Exposed Pad. The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com