Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4680
Description  Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4680 Datasheet HTML 19Page - Analog Devices AD4680 Datasheet HTML 20Page - Analog Devices AD4680 Datasheet HTML 21Page - Analog Devices AD4680 Datasheet HTML 22Page - Analog Devices AD4680 Datasheet HTML 23Page - Analog Devices AD4680 Datasheet HTML 24Page - Analog Devices AD4680 Datasheet HTML 25Page - Analog Devices AD4680 Datasheet HTML 26Page - Analog Devices AD4680 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
AD7389-4
Rev. 0 | Page 23 of 31
READING FROM DEVICE REGISTERS
All registers in the device can be read over the serial interface. A
register read is performed by issuing a register read command
followed by an additional SPI command that can be either a
valid command or no operation command (NOP). The format
for a read command is shown in Table 16. Bit D15 must be set
to 0 to select a read command. Bits[D14:D12] contain the
register address. The subsequent 12 bits, Bits[D11:D0], are
ignored.
WRITING TO DEVICE REGISTERS
All the read/write registers in the AD7389-4 can be written to
over the serial interface. The length of an SPI write access is
determined by the CRC write function. An SPI access is 16-bit
if CRC write is disabled and 24-bit when CRC write is enabled.
The format for a write command is shown in Table 16. Bit D15
must be set to 1 to select a write command. Bits[D14:D12] contain
the register address. The subsequent 12 bits, Bits[D11:D0],
contain the data to be written to the selected register.
CRC
The AD7389-4 has CRC checksum modes that can be used to
improve interface robustness by detecting errors in data
transmissions. The CRC feature is independently selectable for
SPI interface reads and writes. For example, enable the CRC
function for SPI writes to prevent unexpected changes to the
device configuration but do not enable it on SPI reads to
maintain a higher throughput rate. The CRC feature is controlled
by programming of the CRC_W bit and CRC_R bit in the
Configuration 1 register.
CRC Read
If enabled, a CRC consisting of an 8-bit word is appended to the
conversion result or register reads. The CRC is calculated on the
conversion result for ADC A, ADC B, ADC C, and ADC D, and
is output on SDOA. A CRC is also calculated and appended to
register read outputs.
The CRC read function can be used in 2-wire SPI mode, 1-wire
SPI mode, 4-wire SPI mode, and resolution boost mode.
CRC Write
To enable the CRC write function, the CRC_W bit in the
Configuration 1 register must be set to 1. To set the CRC_W bit
to 1 to enable the CRC feature, a valid CRC must be appended
to the request frame.
After the CRC feature is enabled, all register write requests are
ignored unless they are accompanied by a valid CRC command.
A valid CRC is required to both enable and disable the CRC
write feature.
S0
S1
S2
S3
S4
CS
NOP
READ REG 1
READ REG 2
NOP
NOP
SDI
INVALID
RESULT S0
REG 1 DATA
REG 2 DATA
RESULT S3
SDOA
INVALID
RESULT S0
RESULT S3
SDOB
SDOC
SDOD
Figure 40. Register Read
S0
S1
S2
S3
CS
NOP
WRITE REG 1
WRITE REG 2
NOP
SDI
INVALID
RESULT S0
RESULT S1
RESULT S2
SDOx
Figure 41. Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com