Electronic Components Datasheet Search
  English  ▼

X  

ADA4099-2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4099-2
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4099-2 Datasheet HTML 1Page - Analog Devices ADA4099-2 Datasheet HTML 2Page - Analog Devices ADA4099-2 Datasheet HTML 3Page - Analog Devices ADA4099-2 Datasheet HTML 4Page - Analog Devices ADA4099-2 Datasheet HTML 5Page - Analog Devices ADA4099-2 Datasheet HTML 6Page - Analog Devices ADA4099-2 Datasheet HTML 7Page - Analog Devices ADA4099-2 Datasheet HTML 8Page - Analog Devices ADA4099-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
SPECIFICATIONS
analog.com
Rev. A | 4 of 34
Table 1.
Parameter
Test Conditions/Comments
B Grade
H Grade
Unit
Min
Typ
Max
Min
Typ
Max
0.1% Settling Time
ΔVOUT = ±2 V
1.5
1.5
μs
Total Harmonic Distortion Plus Noise
(THD + N)
f = 10 kHz, VOUT = 2 V p-p, RL = 10 kΩ,
bandwidth = 80 kHz
0.001
0.001
%
Channel Separation
f = 1 kHz, RL = 2 kΩ
115
115
dB
INPUT CHARACTERISTICS
Input Resistance
Differential mode
100
100
kΩ
Common mode
>1
>1
GΩ
Over-The-Top
Differential mode, VCM > 5 V
600
600
Ω
Common mode, VCM > 5 V
>100
>100
MΩ
Input Capacitance
Differential mode
9
9
pF
Common mode
3
3
pF
SHDN AND SHDNx PINS
Input Logic Low
Amplifier active, SHDN and SHDNx
voltage (VSHDN) < −VS + 0.5 V, TMIN
< TA < TMAX
−VS + 0.5
−VS + 0.5
V
Input Logic High
Amplifier shutdown, VSHDN >
−VS + 1.5
−VS + 1.5
V
−VS + 1.5 V, TMIN < TA < TMAX
Response Time
Amplifier active to shutdown
2.5
2.5
μs
Amplifier shutdown to active
10
10
μs
Pull-Down Current
VSHDN = −VS + 0.5 V, TMIN < TA < TMAX
0.6
3
0.6
3
µA
VSHDN = −VS + 1.5 V, TMIN < TA < TMAX
0.3
2.5
0.3
2.5
µA
OUTPUT CHARACTERISTICS
Output Voltage Swing Low
Overdrive voltage (VOD4) = 30 mV, no
load
45
60
45
60
mV
TMIN < TA < TMAX
105
120
mV
VOD = 30 mV, sink current, (ISINK) =
10 mA
260
325
260
325
mV
TMIN < TA < TMAX
435
450
mV
Output Voltage Swing High
VOD = 30 mV, no load
45
55
45
55
mV
TMIN < TA < TMAX
110
140
mV
VOD = 30 mV, source current,
900
1100
900
1100
mV
(ISOURCE) = 10 mA
TMIN < TA < TMAX
1500
1650
mV
Short-Circuit Current
ISOURCE
20
30
20
30
mA
TMIN< TA < TMAX
15
15
mA
ISINK
40
50
40
50
mA
TMIN < TA < TMAX
20
20
mA
Output Pin Leakage During Shutdown VSHDN = −VS + 1.5 V
±0.01
±100
±0.01
±100
nA
TMIN < TA < TMAX
±10
±10
µA
POWER SUPPLY
Maximum Operating Voltage5
50
50
V
Voltage Range
Guaranteed by power supply rejection
ratio (PSRR)
3.15
50
3.15
50
V
Supply Current/Channel
Amplifier active
1.5
1.6
1.5
1.6
mA
TMIN < TA < TMAX
2.2
2.35
mA
Amplifier shutdown VSHDN = −VS + 1.5
V
12
20
12
20
µA
TMIN < TA < TMAX
22.5
22.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com