Electronic Components Datasheet Search
  English  ▼

X  

ADA4099-2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4099-2
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4099-2 Datasheet HTML 21Page - Analog Devices ADA4099-2 Datasheet HTML 22Page - Analog Devices ADA4099-2 Datasheet HTML 23Page - Analog Devices ADA4099-2 Datasheet HTML 24Page - Analog Devices ADA4099-2 Datasheet HTML 25Page - Analog Devices ADA4099-2 Datasheet HTML 26Page - Analog Devices ADA4099-2 Datasheet HTML 27Page - Analog Devices ADA4099-2 Datasheet HTML 28Page - Analog Devices ADA4099-2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
APPLICATIONS INFORMATION
analog.com
Rev. A | 25 of 34
NOISE
To analyze the noise performance of an amplifier circuit, identify the
noise sources, and then determine if each source has a significant
contribution to the overall noise performance of the amplifiers. To
simplify the noise calculations, noise spectral densities (NSDs)
are used rather than actual voltages, to leave bandwidth out of
the expressions. NSD is generally expressed in nV/√Hz and is
equivalent to the noise in a 1 Hz bandwidth.
The noise model shown in Figure 62 has six individual noise
sources: the Johnson noise of the three resistors (R1 to R3), the op
amp voltage noise, and the current noise (IN±) in each input of the
amplifiers. Each noise source has its own contribution to the noise
at the output. Noise is generally specified as referring to input (RTI),
but it is often simpler to calculate the noise referred to the output
(RTO), and then divide by the noise gain to obtain the RTI noise.
Figure 62. Op Amp Noise Analysis Model
Assuming IN+ = IN− = IN, the equation for RTI noise can be simpli-
fied to the following form:
RTI Noise =
en2+en,R2+INREQ2
en,R= 4kTREQ
REQ = R3 + R1||R2
where:
en is the op amp voltage noise.
en,R is the thermal noise contribution of the surrounding R1 to R3
resistors.
REQ is the equivalent input resistance.
T is the absolute temperature in Kelvin.
A 50 Ω resistor generates a Johnson noise of 1 nV/√Hz at 25°C.
For optimal performance, the lower bound of resistance in a feed-
back network is determined by the amount of quiescent power and
distortion that can be tolerated. The upper bound is determined
by the resistor and current noise density. The ADA4099-1 and
ADA4099-2 have an en of 7 nV/√Hz.
If resistor and current noise contributions are less than half this
value, the en introduced by the op amps dominates and provides
optimal noise performance of the devices.
Figure 63. Noise Contributions vs. Equivalent Input Resistance (REQ)
For the ADA4099-1 and ADA4099-2, this lower bound of resistance
in the feedback network is about 750 Ω. For the amplifier configu-
ration shown in Figure 62, REQ < 750 Ω provides stable noise
performance. If noise performance is not important, en is typically
fixed for a given TA, en,R increases with the square root of the
resistor value, and the IN × REQ resistance increases linearly, but
does not impact total noise until it approaches the value of en,R.
With REQ < ~60 kΩ, en,R is larger than IN × REQ. A safe value for
REQ is ~30 kΩ to ensure that IN is not the majority contributor to
total noise seen by the input.
Figure 63 shows the noise contributions for the range of resistance
values discussed in this section.
DISTORTION
There are two main contributors of distortion in op amps: output
crossover distortion as the output transitions from sourcing to sink-
ing, and distortion caused by nonlinear common-mode rejection. If
the op amps are operating in an inverting configuration, there is
no common-mode induced distortion. If the op amps are operating
in the noninverting configurations within the normal input common-
mode range (−VS to +VS − 1.5 V), distortion is acceptable. When
the inputs transition from normal to Over-The-Top operation or
vice versa, a significant degradation occurs in linearity due to the
change of input circuitry.
As RL decreases, distortion increases due to a net decrease in loop
gain and greater signal swings internal to the amplifiers that are
necessary to drive the load. The lowest distortion can be achieved
with the ADA4099-1 and ADA4099-2 operating in Class A operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com