Electronic Components Datasheet Search
  English  ▼

X  

ADA4099-2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4099-2
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4099-2 Datasheet HTML 3Page - Analog Devices ADA4099-2 Datasheet HTML 4Page - Analog Devices ADA4099-2 Datasheet HTML 5Page - Analog Devices ADA4099-2 Datasheet HTML 6Page - Analog Devices ADA4099-2 Datasheet HTML 7Page - Analog Devices ADA4099-2 Datasheet HTML 8Page - Analog Devices ADA4099-2 Datasheet HTML 9Page - Analog Devices ADA4099-2 Datasheet HTML 10Page - Analog Devices ADA4099-2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
SPECIFICATIONS
analog.com
Rev. A | 7 of 34
Table 2.
Parameter
Test Conditions/Comments
B Grade
H Grade
Unit
Min
Typ
Max
Min
Typ
Max
Short-Circuit Current
ISOURCE
25
34
25
34
mA
TMIN < TA < TMAX
20
20
mA
ISINK
40
50
40
50
mA
TMIN < TA < TMAX
20
20
mA
POWER SUPPLY
Maximum Operating Voltage4
50
50
V
Voltage Range
Guaranteed by PSRR
3.15
50
3.15
50
V
Supply Current/Channel
Amplifier active
1.65
1.8
1.65
1.8
mA
TMIN < TA < TMAX
2.45
2.6
mA
VSY = ±25 V
1.75
2
1.75
2
mA
TMIN < TA < TMAX
2.7
2.85
mA
Amplifier shutdown, VSHDN = −VS + 1.5 V
17
24
17
24
µA
TMIN < TA < TMAX
27
27
µA
PSRR
VSY = 3.15 V to 50 V
123
136
123
136
dB
TMIN < TA < TMAX
119
120
dB
THERMAL SHUTDOWN5
Temperature
TJ
175
175
°C
Hysteresis
20
20
°C
Operating Temperature
TA
−40
+125
−55
+150
°C
1 Thermoelectric voltages present in the high speed production test limit the measurement accuracy of this parameter. The limits shown in Table 2 are determined by test
capability and are not necessarily indicative of actual device performance.
2 Offset voltage drift is guaranteed through lab characterization and is not production tested.
3 VOD is +30 mV for VOUT high and −30 mV for VOUT low.
4 Maximum operating voltage is limited by the TDDB of on-chip capacitor oxides. The amplifier tolerates temporary transient overshoot up to the specified absolute maximum
rating and the dc supply voltage must be limited to the maximum operating voltage.
5 Thermal shutdown is lab characterized only and is not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com