Electronic Components Datasheet Search
  English  ▼

X  

MAX4660ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4660ESA
Description  High-Current, 25廓, SPDT, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4660ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4660ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
High-Current, 25
Ω
Ω, SPDT, CMOS
Analog Switches
_______________________________________________________________________________________
9
IN
VIN
SIGNAL
GENERATOR
V+
C
ANALYZER
NC OR NO
RL
GND
COM
C
V-
V-
MAX4659/MAX4660
V+
Figure 5. Off-Isolation
SIGNAL
GENERATOR
V+
C
ANALYZER
NO
RL
GND
COM
C
V-
V-
IN
IN
NC
50
Ω
MAX4659/MAX4660
V
V+
Figure 7. Channel Off-Capacitance
CAPACITANCE
METER
NC OR NO
COM
GND
C
V-
V-
IN
VIN
C
V+
f = 1MHz
V+
MAX4659/MAX4660
Figure 8. Channel On-Capacitance
CAPACITANCE
METER
NC OR NO
COM
GND
C
V-
V-
IN
VIN
C
V+
f = 1MHz
V+
MAX4659/MAX4660
Figure 6. Crosstalk
Test Circuits/Timing Diagrams (continued)
Chip Information
TRANSISTOR COUNT: 45
PROCESS: CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com