Electronic Components Datasheet Search
  English  ▼

X  

MAX4660ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4660ESA
Description  High-Current, 25廓, SPDT, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4660ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4660ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Current, 25
Ω
Ω, SPDT, CMOS
Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 6)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +44V
V- to GND ...............................................................-44V to +0.3V
V+ to V-...................................................................-0.3V to +44V
All Other Pins to GND (Note 1) ............ (V- - 0.3V) to (V+ + 0.3V)
Continuous Current COM, NO, NC (MAX4660)..............±150mA
Continuous Current COM, NO, NC (MAX4659)................±75mA
Continuous Current IN ......................................................±30mA
Peak Current COM, NO, NC
MAX4660 (pulsed at 1ms, 10% duty cycle) ..............±200mA
MAX4659 (pulsed at 1ms, 10% duty cycle) ..............±150mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX-EP (derate 10.3mW/°C above +70°C)
MAX4660.....................................................................825mW
8-Pin µMAX (derate 4.50mW/°C above +70°C)
MAX4659.....................................................................362mW
8-Pin SO-EP (derate 18.9mW/°C above +70°C)
MAX4660...................................................................1509mW
8-Pin SO (derate 5.88mW/°C above +70°C)
MAX4659.....................................................................471mW
Operating Temperature Ranges
MAX4659/MAX4660........................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Signals on NO, NC, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maxi-
mum current rating.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM,
VNO, VNC
V-
V+
V
+25
°C18
25
On-Resistance
RON
ICOM = 50mA;
VNO or VNC =
±10V
TMIN to TMAX
30
Ω
+25
°C
0.4
1.2
On-Resistance Matching
Between Channels
∆RON
ICOM = 50mA;
VNO or VNC =
±10V
TMIN to TMAX
1.5
Ω
+25
°C
0.5
1.5
On-Resistance Flatness
(Note 3)
RFLAT (ON)
ICOM = 50mA;
VNO or VNC = -5V, 0, +5V
TMIN to TMAX
2
Ω
+25
°C-1
0.01
1
NO or NC Off-Leakage
Current (Note 4)
INO(OFF) or
INC(OFF)
VCOM = -14.5V, +14.5V; VNO
or VNC = +14.5V, -14.5V
TMIN to TMAX
-10
10
nA
+25
°C-2
0.02
2
COM On-Leakage
Current (Note 4)
ICOM(ON)
VCOM = +14.5V, -14.5V;
VNO or VNC = +14.5V,
-14.5V, or floating
TMIN to TMAX
-20
20
nA
DYNAMIC CHARACTERISTICS
+25
°C85
150
Transition Time
tTRANS
VNO or VNC = 10V;
RL = 300
Ω,
CL = 35pF; Figure 3
TMIN to TMAX
200
ns
+25
°C10
20
Break-Before-Make Delay
tBBM
VNO or VNC = 10V;
RL = 300
Ω,
CL = 35pF, Figure 3
TMIN to TMAX
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com