Electronic Components Datasheet Search
  English  ▼

X  

MAX4660ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4660ESA
Description  High-Current, 25廓, SPDT, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4660ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4660ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High-Current, 25
Ω
Ω, SPDT, CMOS
Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = 0, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 6)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VIN
TMIN to TMAX
0V+
V
+25
°C38
50
On-Resistance
RON
ICOM = 25mA;
VNO or VNC = +10V
TMIN to TMAX
60
Ω
+25
°C
0.4
2
On-Resistance Matching
Between Channels
∆RON
ICOM = 25mA;
VNO or VNC =
±10V
TMIN to TMAX
2.5
Ω
+25
°C4
7
On-Resistance Flatness
(Note 3)
RFLAT (ON)
ICOM = 25mA;
VNO or VNC = +2V, +6V,
+10V
TMIN to TMAX
9
Ω
DYNAMIC CHARACTERISTICS
+25
°C
120
200
Transition Time
tTRANS
VNO or VNC = 10V;
RL = 300
Ω;
C
L = 35pF, Figure 2
TMIN to TMAX
250
ns
+25
°C20
50
Break-Before-Make Delay
tBBM
VNO or VNC = 10V;
RL = 300
Ω;
CL = 35pF, Figure 2
TMIN to TMAX
10
ns
Charge Injection
Q
VGEN = 0, RGEN = 0,
CL = 1nF, Figure 4
+25
°C1
pC
POWER SUPPLY
Power-Supply Range
V+
+9
+40
V
+25
°C50
100
VIN = 0 or 12V, VN_ = 3V;
ISWITCH = 50mA, MAX4660;
ISWITCH = 25mA, MAX4659
TMIN to TMAX
125
+25
°C70
125
Positive Supply Current
I+
VIN = 5V, VN_ = 3V;
ISWITCH = 50mA, MAX4660;
ISWITCH = 25mA, MAX4659
TMIN to TMAX
150
µA
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 4: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at TA = +25°C.
Note 5: Off-isolation = 20log10 [VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 6: -40°C specifications are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com