Electronic Components Datasheet Search
  English  ▼

X  

AS3610 Datasheet(PDF) 15 Page - ams AG

Part # AS3610
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3610 Datasheet(HTML) 15 Page - ams AG

Back Button AS3610 Datasheet HTML 11Page - ams AG AS3610 Datasheet HTML 12Page - ams AG AS3610 Datasheet HTML 13Page - ams AG AS3610 Datasheet HTML 14Page - ams AG AS3610 Datasheet HTML 15Page - ams AG AS3610 Datasheet HTML 16Page - ams AG AS3610 Datasheet HTML 17Page - ams AG AS3610 Datasheet HTML 18Page - ams AG AS3610 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
14 - 25
AS3610/11
Datasheet - D e t a i l e d D e s c r i p t i o n
Sequential Read is the extended form of Random Read, as more than one register-data bytes are transferred subsequently. In difference to the
Random Read, for a sequential read the transferred register-data bytes are responded by an acknowledge from the master. The number of data
bytes transferred in one sequence is unlimited (consider the behavior of the word-address counter). To terminate the transmission the master
has to send a not-acknowledge following the last data byte and generate the STOP condition subsequently.
Figure 19. Current Address Read
To keep the access time as small as possible, this format allows a read access without the word address transfer in advance to the data transfer.
The bus is idle and the master issues a START condition followed by the Device-Read address. Analogous to Random Read, a single byte
transfer is terminated with a not-acknowledge after the 1st register byte. Analogous to Sequential Read an unlimited number of data bytes can
be transferred, where the data bytes has to be responded with an acknowledge from the master. For termination of the transmission the master
sends a not-acknowledge following the last data byte and a subsequent STOP condition.
The AS3610 is compatible to the NXP two wire specification http://www.nxp.com/acrobat_download2/literature/9398/39340011.pdf Version 2.1
January 2000 for standard and fast mode (no high speed mode).
8.4
AS3611 pre-programmed variants
AS3611 is intended to work stand-alone with out an micro-controller. For this use case some of the basic configurations have to be pre-
programmed into the device. Two basic configurations are shown in the tables below. Adaptations to these configurations are possible upon
request.
Table 5. AS3611-A stand alone version for Li-Ion/LiPo,100kOhm NTC
Reg. Addr.
Value
Description
Reg. Name
0
7Fh
standalone mode=1, Boost_en=1, prechg_en=1, nobat_det=0
Charger Control
1
63h
Veoc=4.2V, Vchg_min=4.2
Charger Voltage Control
2
00h
Charger Current Control
3
05h
100kOhm NTC, low_temp range (45/50°C)
NTC Supervision
4
8Ah
ch_timeout=5h, stat_mode: charging=on; EOC=1Hz blinking, stop_charging
or boost_error=5Hz
Charger supervision
Table 6. AS3611-B stand alone version for Li-Ion/LiPo,10kOhm NTC
Reg. Addr.
Value
Description
Reg. Name
0
7Fh
standalone mode=1, Boost_en=1, prechg_en=1, nobat_det=0
Charger Control
1
63h
Veoc=4.2V, Vchg_min=4.2
Charger Voltage Control
2
00h
Charger Current Control
3
07h
10kOhm NTC, low_temp range (45/50°C)
NTC Supervision
4
8Ah
ch_timeout=5h, stat_mode: charging=on; EOC=1Hz blinking, stop_charging
or boost_error=5Hz
Charger supervision
Table 7. AS3611-C stand alone version for FePO4, 10kOhm NTC
Reg. Addr.
Value
Description
Reg. Name
0
7Fh
standalone mode=1, Boost_en=1, prechg_en=1, nobat_det=0
Charger Control
1
47h
Veoc=3.64V, Vchg_min=4.2
Charger Voltage Control
2
01h
eoccurr=1
Charger Current Control
3
05h
100kOhm NTC, low_temp range (45/50°C)
NTC Supervision
4
A6h
ch_timeout=3h, stat_mode: ch_det=on; EOC=1Hz blinking, stop_charging
or boost_error=5Hz
Charger supervision
S
N
A
read register
WA++
data
DR
P
reg_data 2
A
read register
WA++
reg_data n
...
A
read register
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com