Electronic Components Datasheet Search
  English  ▼

X  

AS3610 Datasheet(PDF) 4 Page - ams AG

Part # AS3610
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3610 Datasheet(HTML) 4 Page - ams AG

  AS3610 Datasheet HTML 1Page - ams AG AS3610 Datasheet HTML 2Page - ams AG AS3610 Datasheet HTML 3Page - ams AG AS3610 Datasheet HTML 4Page - ams AG AS3610 Datasheet HTML 5Page - ams AG AS3610 Datasheet HTML 6Page - ams AG AS3610 Datasheet HTML 7Page - ams AG AS3610 Datasheet HTML 8Page - ams AG AS3610 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
3 - 25
AS3610/11
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. AS3610/11 Pin Assignments (Top View)
4.1
Pin Descriptions
Table 1. Pin Descriptions
Pin
Number
Pin Name
Pin Name
Pin Type
Supply
Description
AS3610
AS3611
1
XEN
XEN
I
VBAT
XEnable pin for step down charger
2
USB500
USB500
VBAT
Set current limit in charger mode. 100mA / 500mA
USB current limit.
3
NTC
NTC
Analog pin
VDD_INT
NTC input
4
VBAT
VBAT
Analog Sense input
5
VDD_INT
VDD_INT
Connect 1 F (0402) for internal LDO supply 2.5V
6
SW
SW
Power pin
SW node of step down charger. Connect to 1 H
inductor (chip coil)
7
VBUS
VBUS
Charger input (USB voltage or charger voltage)
8
PGND
PGND
Power GND connection of step down charger
9
STAT
STAT
Digital Open Drain Output
pin
Pulled to GND for error / status indication via LED
10
I_TERM
I_TERM
Analog pin
VBAT
Sets trickle / EOC current
11
I_SET
I_SET
VBAT
Sets charging current (Constant current)
12
VSS
VSS
Analog VSS
13
SCL
Digital Open Drain Output
pin; Requires an external
pull-up resistor
VBAT
I²C clock line
OTG_BOOST
I
VBAT
switches mode to OTG boost
14
SDA
Digital Open Drain Output
pin; Requires an external
pull-up resistor
VBAT
I²C data line
CHG_DET
I
VBAT
selects the highest input current limit for wall adapter
charging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com