Electronic Components Datasheet Search
  English  ▼

X  

AS5140H Datasheet(PDF) 13 Page - ams AG

Part # AS5140H
Description  10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 13 Page - ams AG

Back Button AS5140H Datasheet HTML 9Page - ams AG AS5140H Datasheet HTML 10Page - ams AG AS5140H Datasheet HTML 11Page - ams AG AS5140H Datasheet HTML 12Page - ams AG AS5140H Datasheet HTML 13Page - ams AG AS5140H Datasheet HTML 14Page - ams AG AS5140H Datasheet HTML 15Page - ams AG AS5140H Datasheet HTML 16Page - ams AG AS5140H Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
ams Datasheet
Page 13
[v1-09] 2018-Feb-20
Document Feedback
AS5140H − Electrical Characteristics
Timing Characteristics
TAMB = -40 to 150 ºC, VDD5V = 3.0 to 3.6V (3V operation)
VDD5V = 4.5 to 5.5V (5V operation), unless otherwise noted
Figure 16:
Synchronous Serial Interface (SSI)
Figure 17:
Pulse Width Modulation Output
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
s
tDO active
Data output activated
(logic high)
Time between falling edge of
CSn and data output
activated
100
ns
tCLKFE
First data shifted to output
register
Time between falling edge of
CSn and first falling edge of
CLK
500
ns
TCLK/2
Start of data output
Rising edge of CLK shifts out
one bit at a time
500
ns
tDO valid
Data output valid
Time between rising edge of
CLK and data output valid
413
ns
tDO tristate
Data output tristate
After the last bit DO changes
back to “tri-state”
100
ns
tCSn
Pulse width of CSn
CSn =high; to initiate read-out
of next angular position
500
ns
fCLK
Read-out frequency
Clock frequency to read out
serial data
>0
1
MHz
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fPWM
PWM frequency
Signal period = 1025μs ±5% at
TAMB = 25ºC
0.927
0.976
1.024
kHz
Signal period =1025μs ±10%
at TAMB = -40ºC to 150ºC
0.878
0.976
1.074
PWMIN
Minimum pulse width
Position 0d; angle 0 degree
0.90
1
1.10
μs
PWMAX
Maximum pulse width
Position 1023d; angle 359.65
degree
922
1024
1126
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com