Electronic Components Datasheet Search
  English  ▼

X  

AS5140H Datasheet(PDF) 22 Page - ams AG

Part # AS5140H
Description  10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 22 Page - ams AG

Back Button AS5140H Datasheet HTML 18Page - ams AG AS5140H Datasheet HTML 19Page - ams AG AS5140H Datasheet HTML 20Page - ams AG AS5140H Datasheet HTML 21Page - ams AG AS5140H Datasheet HTML 22Page - ams AG AS5140H Datasheet HTML 23Page - ams AG AS5140H Datasheet HTML 24Page - ams AG AS5140H Datasheet HTML 25Page - ams AG AS5140H Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-09] 2018-Feb-20
AS5140H − Detailed Description
Figure 27:
Hysteresis Window for Incremental Outputs
Pulse Width Modulation (PWM) Output
The AS5140H provides a pulse width modulated output (PWM),
whose duty cycle is proportional to the measured angle:
The PWM frequency is internally trimmed to an accuracy of ±5%
(±10% over full temperature range). This tolerance can be
cancelled by measuring the complete duty cycle as shown
above.
Figure 28:
PWM Output Signal
(EQ2)
Position
tON 1025
⋅
tON tOFF
+
()
------------------------------- 1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com