Electronic Components Datasheet Search
  English  ▼

X  

AS5140H Datasheet(PDF) 2 Page - ams AG

Part # AS5140H
Description  10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 2 Page - ams AG

  AS5140H Datasheet HTML 1Page - ams AG AS5140H Datasheet HTML 2Page - ams AG AS5140H Datasheet HTML 3Page - ams AG AS5140H Datasheet HTML 4Page - ams AG AS5140H Datasheet HTML 5Page - ams AG AS5140H Datasheet HTML 6Page - ams AG AS5140H Datasheet HTML 7Page - ams AG AS5140H Datasheet HTML 8Page - ams AG AS5140H Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-09] 2018-Feb-20
AS5140H − General Description
Applications
The AS5140H is an ideal solution for automotive applications
like engine compartment sensors, transmission gearbox
encoder, throttle valve position control and for industrial
applications like rotary sensors in high temperature
environment.
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
AS5140H Block Diagram
Tolerant to magnet misalignment
Failure detection mode for magnet placement monitoring and
loss of power supply
Usable for high speed applications
Rotational speeds up to 10000 rpm
Tolerant to airgap variations
Pushbutton functionality detects movement of magnet in
Z-axis
Supports daisy chain application
Serial read-out of multiple interconnected AS5140H devices
using Daisy Chain mode
Fitting to automotive applications
Fully automotive qualified to AEC-Q100, grade 0
Operates up to 150°C ambient temperature
Wide ambient temperature range: -40ºC to 150ºC
Benefits
Features
DSP
Hall Array
&
Frontend
Amplifier
OTP
Register
Programming
Parameters
Absolute
Interface
(SSI)
Incremental
Interface
PWM
Interface
LDO 3.3V
AS5140H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com