Electronic Components Datasheet Search
  English  ▼

X  

1754801 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1754801
Description  Printed-circuit board connector - FKCN 2,5/ 3-STF-5,08
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754801 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 1754801 Datasheet HTML 4Page - PHOENIX CONTACT 1754801 Datasheet HTML 5Page - PHOENIX CONTACT 1754801 Datasheet HTML 6Page - PHOENIX CONTACT 1754801 Datasheet HTML 7Page - PHOENIX CONTACT 1754801 Datasheet HTML 8Page - PHOENIX CONTACT 1754801 Datasheet HTML 9Page - PHOENIX CONTACT 1754801 Datasheet HTML 10Page - PHOENIX CONTACT 1754801 Datasheet HTML 11Page - PHOENIX CONTACT 1754801 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1754801
02/04/2022   Page 8 / 12
Printed-circuit board connector - FKCN 2,5/ 3-STF-5,08 - 1754801
Approvals
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-19931012
 
B
D
Nominal voltage UN
300 V
300 V
Nominal current IN
10 A
10 A
mm²/AWG/kcmil
24-14
24-14
Accessories
Accessories
Coding element
Coding profile - CP-MSTB - 1734634
Coding profile, is inserted into the slot on the plug or inverted header, red insulating material
 
 
Crimping tool
Crimping pliers - CRIMPFOX 6 - 1212034
Crimping pliers, for ferrules without insulating collar according to DIN 46228 Part 1 and ferrules with insulating collar
according to DIN 46228 Part 4, 0.25 mm² ... 6.0 mm², lateral entry, trapezoidal crimp
 
 
Ferrule
Ferrule - AI 0,5 -10 WH - 3201275
Ferrule, sleeve length: 10 mm, length: 16 mm, color: white
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com