Electronic Components Datasheet Search
  English  ▼

X  

1754801 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754801
Description  Printed-circuit board connector - FKCN 2,5/ 3-STF-5,08
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754801 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754801 Datasheet HTML 1Page - PHOENIX CONTACT 1754801 Datasheet HTML 2Page - PHOENIX CONTACT 1754801 Datasheet HTML 3Page - PHOENIX CONTACT 1754801 Datasheet HTML 4Page - PHOENIX CONTACT 1754801 Datasheet HTML 5Page - PHOENIX CONTACT 1754801 Datasheet HTML 6Page - PHOENIX CONTACT 1754801 Datasheet HTML 7Page - PHOENIX CONTACT 1754801 Datasheet HTML 8Page - PHOENIX CONTACT 1754801 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1754801
02/04/2022   Page 1 / 12
Printed-circuit board connector - FKCN 2,5/ 3-STF-5,08 - 1754801
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal cross section: 2.5 mm², color: green, nominal current: 12 A, rated voltage (III/2):
320 V, contact surface: Tin, type of contact: Female connector, number of potentials: 3, number of rows:
1, number of positions: 3, number of connections: 3, product range: FKCN 2,5/..-STF, pitch: 5.08 mm,
connection method: Push-in spring connection, conductor/PCB connection direction: 0 °, locking clip: -
Locking clip, plug-in system: CLASSIC COMBICON, Locking: Screw locking, mounting: Screw flange, type of
packaging: packed in cardboard
The figure shows a 10-position
version of the product
Your advantages
 Time saving push-in connection, tools not required
 Intuitive use through colour coded actuation lever
 Extremely small design for the respective conductor cross section
 Screwable flange for superior mechanical stability
 Can be combined with the MSTB 2,5 range
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356330466
Technical data
Item properties
Brief article description
PCB connector
Connector system
CLASSIC COMBICON
Type of contact
Female connector
Range of articles
FKCN 2,5/..-STF
Pitch
5.08 mm
Number of positions
3
Locking
Screw flange
Number of rows
1
Number of connections
3
Number of potentials
3


Similar Part No. - 1754801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754805 PHOENIX-1754805 Datasheet
116Kb / 8P
Printed-circuit board connector - MSTB 2,5/20-ST
1754805 PHOENIX-1754805 Datasheet
179Kb / 5P
MDSTB 2,5/20-G1
More results

Similar Description - 1754801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754791 PHOENIX-1754791 Datasheet
69Kb / 4P
Printed-circuit board connector - FKCN 2,5/ 2-STF-5,08
1754898 PHOENIX-1754898 Datasheet
237Kb / 12P
Printed-circuit board connector - FKCN 2,5/12-STF-5,08
1754940 PHOENIX-1754940 Datasheet
68Kb / 4P
Printed-circuit board connector - FKCN 2,5/17-STF-5,08
1754953 PHOENIX-1754953 Datasheet
68Kb / 4P
Printed-circuit board connector - FKCN 2,5/18-STF-5,08
1754814 PHOENIX-1754814 Datasheet
464Kb / 12P
Printed-circuit board connector - FKCN 2,5/ 4-STF-5,08
02/04/2022
1754827 PHOENIX-1754827 Datasheet
268Kb / 15P
Printed-circuit board connector - FKCN 2,5/ 5-STF-5,08
09/12/2020
1754843 PHOENIX-1754843 Datasheet
269Kb / 15P
Printed-circuit board connector - FKCN 2,5/ 7-STF-5,08
09/12/2020
1754872 PHOENIX-1754872 Datasheet
263Kb / 15P
Printed-circuit board connector - FKCN 2,5/10-STF-5,08
09/12/2020
1754924 PHOENIX-1754924 Datasheet
254Kb / 14P
Printed-circuit board connector - FKCN 2,5/15-STF-5,08
09/12/2020
1754937 PHOENIX-1754937 Datasheet
254Kb / 14P
Printed-circuit board connector - FKCN 2,5/16-STF-5,08
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com