Electronic Components Datasheet Search
  English  ▼

X  

1754801 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1754801
Description  Printed-circuit board connector - FKCN 2,5/ 3-STF-5,08
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754801 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1754801 Datasheet HTML 4Page - PHOENIX CONTACT 1754801 Datasheet HTML 5Page - PHOENIX CONTACT 1754801 Datasheet HTML 6Page - PHOENIX CONTACT 1754801 Datasheet HTML 7Page - PHOENIX CONTACT 1754801 Datasheet HTML 8Page - PHOENIX CONTACT 1754801 Datasheet HTML 9Page - PHOENIX CONTACT 1754801 Datasheet HTML 10Page - PHOENIX CONTACT 1754801 Datasheet HTML 11Page - PHOENIX CONTACT 1754801 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1754801
02/04/2022   Page 10 / 12
Printed-circuit board connector - FKCN 2,5/ 3-STF-5,08 - 1754801
Accessories
Ferrule - A 1 -10 - 3200250
Ferrule, length: 10 mm, color: silver
 
 
Ferrule - A 1,5 -10 - 3200276
Ferrule, length: 10 mm, color: silver
 
 
Screwdriver tools
Screwdriver - SZS 0,6X3,5 - 1205053
Actuation tool, for ST terminal blocks, insulated, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100
mm, 2-component grip, with non-slip grip
 
 
Additional products
Printed-circuit board connector - CCDN 2,5/ 3-G1F-5,08 P26 THR - 1753310
PCB headers, nominal cross section: 2.5 mm², color: black, nominal current: 12 A, rated voltage (III/2): 320 V, contact
surface: Tin, type of contact: Male connector, number of potentials: 6, number of rows: 2, number of positions: 3,
number of connections: 6, product range: CCDN 2,5/..-G1F-THR, pitch: 5.08 mm, mounting: THR soldering, pin
layout: Linear pinning, solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: CLASSIC
COMBICON, Pin connector pattern alignment: Standard, Locking: Screw locking, mounting: Threaded flange, type of
packaging: packed in cardboard
 
 
PCB header - MSTB 2,5/ 3-GF-5,08 - 1776511
PCB headers, nominal cross section: 2.5 mm², color: green, nominal current: 12 A, rated voltage (III/2): 320 V,
contact surface: Tin, type of contact: Male connector, number of potentials: 3, number of rows: 1, number of
positions: 3, number of connections: 3, product range: MSTB 2,5/..-GF, pitch: 5.08 mm, mounting: Wave soldering,
pin layout: Linear pinning, solder pin [P]: 3.5 mm, number of solder pins per potential: 1, plug-in system: CLASSIC
COMBICON, Pin connector pattern alignment: Standard, Locking: Screw locking, type of packaging: packed in
cardboard
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com