Electronic Components Datasheet Search
  English  ▼

X  

ML1001 Datasheet(PDF) 7 Page - Minilogic Device Corporation Limited

Part # ML1001
Description  ML1001 Series Static LCD COG Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1001 Datasheet(HTML) 7 Page - Minilogic Device Corporation Limited

Back Button ML1001 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 11Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
P7/14
Rev. M, Aug 2012
ML1001
All x and y coordinates are references to the center of the chip.
Pad Location
PAD
PAD
PAD
PAD
PAD
PAD
Num.
Name
X
Y
Num.
Name
X
Y
Num.
Name
X
Y
1
LOAD
-1246
-140
26
DCLK
1054
-140
51
S21
20
140
2
DIN
-1146
-140
27
DOUT
1134
-140
52
S20
-60
140
3
DCLK
-1046
-140
28
LOAD
1234
-140
53
S19
-140
140
4
BEN
-946
-140
29
GND
1560
-120
54
S18
-220
140
5
OEN
-846
-140
30
VDD
1560
-40
55
S17
-300
140
6
VDD
-746
-140
31
COM1B
1560
40
56
S16
-380
140
7
SEN1
-666
-140
32
S40
1540
140
57
S15
-460
140
8
CEN1A
-566
-140
33
S39
1460
140
58
S14
-540
140
9
SEN2
-466
-140
34
S38
1380
140
59
S13
-620
140
10
CEN1B
-366
-140
35
S37
1300
140
60
S12
-700
140
11
GND
-266
-140
36
S36
1220
140
61
S11
-780
140
12
OOUT
-186
-140
37
S35
1140
140
62
S10
-860
140
13
FIN
-86
-140
38
S34
1060
140
63
S9
-940
140
14
LCLK
14
-140
39
S33
980
140
64
S8
-1020
140
15
2 KHz
94
-140
40
S32
900
140
65
S7
-1100
140
16
1 KHz
174
-140
41
S31
820
140
66
S6
-1180
140
17
500 Hz
254
-140
42
S30
740
140
67
S5
-1260
140
18
250 Hz
334
-140
43
S29
660
140
68
S4
-1340
140
19
125 Hz
414
-140
44
S28
580
140
69
S3
-1420
140
20
4 Hz
494
-140
45
S27
500
140
70
S2
-1500
140
21
2 Hz
574
-140
46
S26
420
140
71
S1
-1580
140
22
1 Hz
654
-140
47
S25
340
140
72
COM1A
-1560
40
23
BCLK
754
-140
48
S24
260
140
73
VDD
-1560
-40
24
LCLK
854
-140
49
S23
180
140
74
GND
-1560
-120
25
BEN
954
-140
50
S22
100
140
Coordinate
Coordinate
Coordinate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com