Electronic Components Datasheet Search
  English  ▼

X  

ML1001 Datasheet(PDF) 12 Page - Minilogic Device Corporation Limited

Part # ML1001
Description  ML1001 Series Static LCD COG Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1001 Datasheet(HTML) 12 Page - Minilogic Device Corporation Limited

Back Button ML1001 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 14Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
P12/14
Rev. M, Aug 2012
ML1001
Note: 1. Contrast ratio of LCD shall vary from the Liquid Crystal used.
2. Contrast ratio of 1/3 Duty LCD is shown on graph 4 for comparison only.
3. The viewing angle is measured from the normal of LCD as shown below.
Typical Characteristics
1) Supply Current vs. Frequency of LCLK
0
200
400
600
800
1000
1200
1400
1600
0
500
1000
1500
2000
2500
LCD Frequency LCLK(Hz)
VDD = 2V
VDD = 3V
VDD = 4V
VDD = 5V
VDD = 6V
Load = 25nF
2) Supply Current vs. Input Voltage
0
100
200
300
400
500
600
700
800
0
1
2
3
4
5
6
7
Input Voltage VIN(V)
Load = 25nF
With Load
No Load
3) Example of Contrast Ratio vs. Input Voltage
0
2
4
6
8
10
12
0.0 V
1.0 V
2.0 V
3.0 V
4.0 V
5.0 V
6.0 V
Input Voltage VIN(V)
4) Example of Contrast Ratio vs. Viewing Angle
0
2
4
6
8
10
12
0
10
20
30
40
50
60
70
80
Viewing Angle (degree)
ML1001 S tatic TN C OG Module
V IN = 3V
1/3 D uty LC D
0 degree
Observer
Viewing Angle
LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com