Electronic Components Datasheet Search
  English  ▼

X  

ML1001 Datasheet(PDF) 8 Page - Minilogic Device Corporation Limited

Part # ML1001
Description  ML1001 Series Static LCD COG Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1001 Datasheet(HTML) 8 Page - Minilogic Device Corporation Limited

Back Button ML1001 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 12Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
P8/14
Rev. M, Aug 2012
ML1001
Note :
1.
In cascade format of ML1001 (ie. ML1001-2U and –3U), one pin is the input of current ML1001 and
the other is for the connection with the corresponding input pin of next ML1001.
2. All Enable pins are active low.
3. Condition : FIN = 32 KHz Clock.
Pin Description
Symbol
Pad
Description
LOAD
1,28
Load data from the shift register to data register; note 1
DIN
2
Display data input pin
DCLK
3,26
Input pin for the clock of the display data; note 1
BEN
4,25
Enable pin of the blink function; note 1, note 2
OEN
5
Enable pin of the internal oscillator; note 2
VDD
6
Supply voltage
SEN1
7
Enable pin of the segment from S1 to S16; note 1
CEN1A
8
Enable pin of the COM1A; note 2
SEN2
9
Enable pin of the segment from S17 to S40; note 1
CEN1B
10
Enable pin of the COM1B; note 2
GND
11
Logic ground
OOUT
12
Output pin of the internal oscillator
FIN
13
Input pin of the external/internal clock
LCLK
14,24
Input pin to the LCD display clock; note 1
2 kHz
15
Output 1/16 frequency of the input to the FIN; note 3
1 kHz
16
Output 1/32 frequency of the input to the FIN; note 3
512 Hz
17
Output 1/64 frequency of the input to the FIN; note 3
256 Hz
18
Output 1/128 frequency of the input to the FIN; note 3
128 Hz
19
Output 1/256 frequency of the input to the FIN; note 3
4 Hz
20
Output 1/8192 frequency of the input to the FIN; note 3
2 Hz
21
Output 1/16384 frequency of the input to the FIN; note 3
1 Hz
22
Output 1/32768 frequency of the input to the FIN; note 3
BCLK
23
Input pin for the blink clock
DOUT
27
Output pin for 40-bit Shift register, it shall connect to DIN of next ML1001
GND
29
Logic ground
VDD
30
Supply voltage
COM1B
31
Common driving signal to LCD panel
S40 to S1
32 to 71
LCD segment outputs
COM1A
72
Common driving signal to LCD panel
VDD
73
Supply voltage
GND
74
Logic ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com