Electronic Components Datasheet Search
  English  ▼

X  

MAX4514C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4514C/D
Description   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4514C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX4514C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Low-Voltage, Low-On-Resistance,
SPST, CMOS Analog Switches
6
_______________________________________________________________________________________
__________Applications Information
Power-Supply Considerations
The MAX4514/MAX4515 construction is typical of most
CMOS analog switches, except that they have only two
supply pins: V+ and GND. V+ and GND drive the inter-
nal CMOS switches and set their analog voltage limits.
Reverse ESD-protection diodes are internally connect-
ed between each analog-signal pin and both V+ and
GND. One of these diodes conducts if any analog sig-
nal exceeds V+ or GND.
Virtually all the analog leakage current comes from the
ESD diodes to V+ or GND. Although the ESD diodes on
a given signal pin are identical and therefore fairly well
balanced, they are reverse biased differently. Each is
biased by either V+ or GND and the analog signal. This
means their leakages will vary as the signal varies. The
difference in the two diode leakages to the V+ and GND
pins constitutes the analog-signal-path leakage current.
All analog leakage current flows between each pin and
one of the supply terminals, not to the other switch termi-
nal. This is why both sides of a given switch can show
leakage currents of the same or opposite polarity.
There is no connection between the analog-signal
paths and V+ or GND.
V+ and GND also power the internal logic and logic-
level translators. The logic-level translators convert the
logic levels to switched V+ and GND signals to drive
the analog signal gates.
Logic-Level Thresholds
The logic-level thresholds are CMOS/TTL compatible
when V+ is +5V. As V+ is raised, the level threshold
increases slightly. When V+ reaches +12V, the level
threshold is about 3.0V—above the TTL guaranteed
high-level minimum of 2.8V, but still compatible with
CMOS outputs.
Do not connect the MAX4514/MAX4515’s V+ to +3V
and then connect the logic-level pins to logic-level
signals that operate from +5V supply. Output levels
can exceed +3V and violate the absolute maximum
ratings, damaging the part and/or external circuits.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat up to
250MHz (see Typical Operating Characteristics). Above
20MHz, the on response has several minor peaks that
are highly layout dependent. The problem is not in turn-
ing the switch on; it’s in turning it off. The off-state switch
acts like a capacitor and passes higher frequencies with
less attenuation. At 10MHz, off isolation is about -45dB
in 50
Ω systems, decreasing (approximately 20dB per
decade) as frequency increases. Higher circuit imped-
ances also make off isolation decrease. Off isolation is
about 3dB above that of a bare IC socket, and is due
entirely to capacitive coupling.
∆VOUT
V+
0V
VIN
VOUT
MAX4515
MAX4514
∆VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
Q =
∆VOUT x CL
V+
VOUT
GND
V+
IN
NO
or
NC
COM
VNO or VNC = 0V
50
Ω
MAX4514
MAX4515
CL
1000pF
VIN
Figure 1. Charge Injection
______________________________________________Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com