Electronic Components Datasheet Search
  English  ▼

X  

MAX4514C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4514C/D
Description   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4514C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX4514C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
Low-Voltage, Low-On-Resistance,
SPST, CMOS Analog Switches
_Ordering Information (continued)
__________________________________________________Tape-and-Reel Information
P
D
E
F
W
P2
P0
D1
A0
B0
K0
t
±0.102
±0.102
A0
B0
D
D1
3.200
3.099
1.499
0.991
±0.102
±0.051
±0.102
±0.102
1.753
3.505
1.397
3.988
E
F
K0
P
+0.102
+0.000
NOTE: DIMENSIONS ARE IN MM.
AND FOLLOW EIA481-1 STANDARD.
+0.305
-0.102
+0.254
+0.000
P0
3.988
±0.102
P010
40.005
±0.203
P2
2.007
±0.051
t
0.254
±0.127
W
8.001
PART
MAX4514EPA
MAX4514ESA
MAX4514EUK
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
5 SOT23-5
MAX4514MJA
-55°C to +125°C
8 CERDIP**
*Contact factory for dice specifications.
**Contact factory for availability.
MAX4515CPA
MAX4515CSA
MAX4515CUK
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
5 SOT23-5
MAX4515C/D
0°C to +70°C
Dice*
MAX4515EPA
MAX4515ESA
MAX4515EUK
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
5 SOT23-5
MAX4515MJA
-55°C to +125°C
8 CERDIP**
___________________Chip Topography
TRANSISTOR COUNT: 19
SUBSTRATE IS INTERNALLY CONNECTED TO V+
IN
0.046"
(1.17mm)
0.031"
(0.79mm)
V+
NO
OR
NC
GND
COM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com