Electronic Components Datasheet Search
  English  ▼

X  

MAX4514C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4514C/D
Description   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4514C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4514C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4514C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX4514/MAX4515 are single-pole/single-throw
(SPST), CMOS, low-voltage, single-supply analog
switches with very low switch on-resistance. The
MAX4514 is normally open (NO). The MAX4515 is nor-
mally closed (NC).
These CMOS switches can operate continuously with a
single supply between +2V and +12V. Each switch can
handle rail-to-rail analog signals. The off-leakage cur-
rent maximum is only 1nA at +25°C or 20nA at +85°C.
All digital inputs have 0.8V to 2.4V logic thresholds,
ensuring TTL/CMOS-logic compatibility when using a
+5V supply.
For pin-compatible parts for use with dual supplies, see
the MAX4516/MAX4517.
________________________Applications
Battery-Operated Equipment
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communications Circuits
PCMCIA Cards
Cellular Phones
Modems
____________________________Features
o Available in SOT23-5 Package
o +2V to +12V Single-Supply Operation
o Guaranteed On-Resistance:
20
Ω with +5V Supply
10
Ω with +12V Supply
o Guaranteed Low Off-Leakage Currents:
1nA at +25°C
20nA at +85°C
o Guaranteed Low On-Leakage Currents:
2nA at +25°C
40nA at +85°C
o Low Charge Injection: 10pC
o Fast Switching Speed: tON = 150ns, tOFF = 100ns
o Break-Before-Make Operation: tON > tOFF at +5V
o TTL/CMOS-Logic Compatible with +5V Supply
Low-Voltage, Low-On-Resistance,
SPST, CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
IN
N.C.
N.C.
V+
1
2
8
7
NO
GND
N.C.
COM
MAX4514
DIP/SO
3
4
6
5
IN
N.C.
N.C.
V+
1
2
8
7
NC
GND
N.C.
COM
MAX4515
DIP/SO
3
4
6
5
N.C. = NOT INTERNALLY CONNECTED
NO
IN
GND
1
5
V+
COM
MAX4514
SOT23-5
2
3
4
NC
IN
GND
1
5
V+
COM
MAX4515
SOT23-5
2
3
4
INPUT
LOW
HIGH
SWITCH STATE
MAX4514
OFF
ON
MAX4515
ON
OFF
MARKING INFORMATION (SOTs only)
AE = MAX4514
AF = MAX4515
LOT SPECIFIC CODE
XX XX
__________________________________________________________Pin Configurations
19-1069; Rev 1; 5/05
PART
MAX4514CPA
MAX4514CSA
MAX4514CUK
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
5 SOT23-5
______________Ordering Information
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
MAX4514C/D
0°C to +70°C
Dice*
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX4514C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4514C/D MAXIM-MAX4514C/D Datasheet
80Kb / 8P
Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
More results

Similar Description - MAX4514C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4516 MAXIM-MAX4516 Datasheet
84Kb / 8P
Dual-Supply, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
Texas Instruments
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
logo
Texas Instruments
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com