Electronic Components Datasheet Search
  English  ▼

X  

PTN3361CBSMP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PTN3361CBSMP
Description  Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 1.65 Gbit/s operation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTN3361CBSMP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PTN3361CBSMP Datasheet HTML 17Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 18Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 19Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 20Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 21Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 22Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 23Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 24Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
PTN3361C
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 28 July 2015
21 of 30
NXP Semiconductors
PTN3361C
HDMI/DVI level shifter supporting 1.65 Gbit/s operation
[4]
This differential skew budget is in addition to the skew presented between IN_D+ and IN_D
 paired input pins.
[5]
This lane-to-lane skew budget is in addition to skew between differential input pairs.
[6]
Jitter budget for differential signals as they pass through the level shifter.
11.3 HPD_SINK input, HPD_SOURCE output
[1]
Low-speed input changes state on cable plug/unplug.
[2]
Time from HPD_SINK changing state to HPD_SOURCE changing state. Includes HPD_SOURCE rise/fall time.
[3]
Time required to transition from VOH to VOL or from VOL to VOH.
[4]
Guarantees HPD_SINK is LOW when no display is plugged in.
11.4 OE_N, DDC_EN and DDET inputs
[1]
Measured with input at VIH maximum and VIL minimum.
Table 13.
HPD characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
HPD_SINK
[1] 2.0
5.0
5.3
V
VIL
LOW-level input voltage
HPD_SINK
0
-
0.8
V
ILI
input leakage current
HPD_SINK
-
-
15
A
VOH
HIGH-level output voltage
HPD_SOURCE
2.5
-
VDD
V
VOL
LOW-level output voltage
HPD_SOURCE
0
-
0.2
V
tPD
propagation delay
from HPD_SINK to HPD_SOURCE;
50 % to 50 %
[2] --
200
ns
tt
transition time
HPD_SOURCE rise/fall; 10 % to 90 %
[3] 1
-
20
ns
Rpd
pull-down resistance
HPD_SINK input pull-down resistor
[4] 100
200
300
k
Table 14.
OE_N, DDC_EN input characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
2.0
-
V
VIL
LOW-level input voltage
-
0.8
V
ILI
input leakage current
OE_N pin
[1] --10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com