| Electronic Components Datasheet Search |
|
PTN3361CBSMP Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PTN3361CBSMP Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 30 page ![]() PTN3361C All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1.1 — 28 July 2015 7 of 30 NXP Semiconductors PTN3361C HDMI/DVI level shifter supporting 1.65 Gbit/s operation IN_D4 31 Self-biasing differential input Low-swing differential input from display source with PCI Express electrical signaling. IN_D4 makes a differential pair with IN_D4+. The input to this pin must be AC coupled externally. IN_D3+ 30 Self-biasing differential input Low-swing differential input from display source with PCI Express electrical signaling. IN_D3+ makes a differential pair with IN_D3 . The input to this pin must be AC coupled externally. IN_D3 29 Self-biasing differential input Low-swing differential input from display source with PCI Express electrical signaling. IN_D3 makes a differential pair with IN_D3+. The input to this pin must be AC coupled externally. IN_D2+ 28 Self-biasing differential input Low-swing differential input from display source with PCI Express electrical signaling. IN_D2+ makes a differential pair with IN_D2 . The input to this pin must be AC coupled externally. IN_D2 27 Self-biasing differential input Low-swing differential input from display source with PCI Express electrical signaling. IN_D2 makes a differential pair with IN_D2+. The input to this pin must be AC coupled externally. IN_D1+ 26 Self-biasing differential input Low-swing differential input from display source with PCI Express electrical signaling. IN_D1+ makes a differential pair with IN_D1 . The input to this pin must be AC coupled externally. IN_D1 25 Self-biasing differential input Low-swing differential input from display source with PCI Express electrical signaling. IN_D1 makes a differential pair with IN_D1+. The input to this pin must be AC coupled externally. OUT_D4+ 9 TMDS differential output HDMI compliant TMDS output. OUT_D4+ makes a differential pair with OUT_D4 . OUT_D4+ is in phase with IN_D4+. OUT_D4 10 TMDS differential output HDMI compliant TMDS output. OUT_D4 makes a differential pair with OUT_D4+. OUT_D4 is in phase with IN_D4 . OUT_D3+ 11 TMDS differential output HDMI compliant TMDS output. OUT_D3+ makes a differential pair with OUT_D3 . OUT_D3+ is in phase with IN_D3+. OUT_D3 12 TMDS differential output HDMI compliant TMDS output. OUT_D3 makes a differential pair with OUT_D3+. OUT_D3 is in phase with IN_D3 . OUT_D2+ 13 TMDS differential output HDMI compliant TMDS output. OUT_D2+ makes a differential pair with OUT_D2 . OUT_D2+ is in phase with IN_D2+. Table 3. Pin description …continued Symbol Pin Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |