Electronic Components Datasheet Search
  English  ▼

X  

PTN3361CBSMP Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PTN3361CBSMP
Description  Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 1.65 Gbit/s operation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTN3361CBSMP Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PTN3361CBSMP Datasheet HTML 18Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 19Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 20Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 21Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 22Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 23Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 24Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 25Page - NXP Semiconductors PTN3361CBSMP Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
PTN3361C
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 28 July 2015
22 of 30
NXP Semiconductors
PTN3361C
HDMI/DVI level shifter supporting 1.65 Gbit/s operation
11.5 DDC characteristics
[1]
VCC1 is the pull-up voltage for DDC source.
[2]
IOL between 100 A and 6 mA guaranteed by design (3 mA typical application)
[3]
VCC2 is the pull-up voltage for DDC sink.
Table 15.
DDC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input and output SCL_SOURCE and SDA_SOURCE, VCC1 = 3.0 V to 3.6 V[1]
VIH
HIGH-level input voltage
0.7VCC1
-3.6
V
VIL
LOW-level input voltage
0.5
-
+0.3VCC1
V
VILc
contention LOW-level input voltage
guaranteed by design
0.5
-
0.4
V
ILI
input leakage current
VI =3.6 V
-
-
10
A
IIL
LOW-level input current
VI =0.2 V
-
-
10
A
VOL
LOW-level output voltage
IOL =6mA
[2] 0.47
0.52
0.6
V
VOLVILc
difference between LOW-level output
and LOW-level input voltage
contention
guaranteed by design
-
-
70
mV
Cio
input/output capacitance
VI =3 V or 0 V; VDD =3.3 V
-
6
7
pF
VI = 3 V or 0 V; VDD =0V
-
6
7
pF
Input and output SDA_SINK and SCL_SINK, VCC2 =4.5 V to 5.5V[3]
VIH
HIGH-level input voltage
0.7VCC2
-5.5
V
VIL
LOW-level input voltage
0.5
-
+1.2
V
ILI
input leakage current
VI =5.5 V
-
-
10
A
IIL
LOW-level input current
VI =0.2 V
-
-
10
A
VOL
LOW-level output voltage
IOL =6mA
-
0.1
0.2
V
Cio
input/output capacitance
VI =3 V or 0 V; VDD =3.3 V
-
-
7
pF
VI = 3 V or 0 V; VDD =0V
-
6
7
pF
Itrt(pu)
transient boosted pull-up current
VCC2 =4.5 V;
slew rate = 1.25 V/
s
-6
-mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com