| Electronic Components Datasheet Search |
|
PCF8536AT Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 48 page ![]() PCE85176AUG All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1 — 12 January 2015 11 of 48 NXP Semiconductors PCE85176AUG 4 × 40 LCD segment driver for Chip-On-Glass 7.3.1 Writing to RAM The addressing mechanism for the display RAM is realized using the data pointer. This allows the loading of an individual display data byte, or a series of display data bytes, into any location of the display RAM. The sequence always commences with the initialize-RAM command (see Table 12). Following this command, the data pointer has to be set to the desired RAM address using the load-data-pointer command (see Table 10). After this an arriving data byte is stored at the display RAM address indicated by the data pointer. The RAM writing procedure is illustrated in Figure 5 and the filling order of the RAM is shown in Figure 4. After each byte is stored, the content of the data pointer is automatically incremented by a value dependent on the selected LCD drive mode: • In static drive mode by eight. • In 1:2 multiplex drive mode by four. • In 1:3 multiplex drive mode by three. • In 1:4 multiplex drive mode by two. If an I2C-bus data access terminates early, then the state of the data pointer is unknown. So, the data pointer must be rewritten before further RAM accesses. Fig 5. RAM writing procedure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |