Electronic Components Datasheet Search
  English  ▼

X  

MD1716 Datasheet(PDF) 4 Page - Microchip Technology

Part # MD1716
Description  3-Channel 3-Level High-Speed Ultrasound Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1716 Datasheet(HTML) 4 Page - Microchip Technology

  MD1716 Datasheet HTML 1Page - Microchip Technology MD1716 Datasheet HTML 2Page - Microchip Technology MD1716 Datasheet HTML 3Page - Microchip Technology MD1716 Datasheet HTML 4Page - Microchip Technology MD1716 Datasheet HTML 5Page - Microchip Technology MD1716 Datasheet HTML 6Page - Microchip Technology MD1716 Datasheet HTML 7Page - Microchip Technology MD1716 Datasheet HTML 8Page - Microchip Technology MD1716 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MD1716
DS20005924A-page 4
2020 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
GND and AGND, Ground .......................................................................................................................................... 0V
Logic Input Pin, VLL ................................................................................................................................ –0.5V to +5.5V
Positive Gate Drive Supply, AVDD, VDD1, and VDD2 ............................................................................ –0.5V to +14.5V
Operating Junction Temperature, TJ ........................................................................................................ 0°C to +125°C
Storage Temperature, TS ..................................................................................................................... –65°C to +150°C
Power Dissipation:
40-lead QFN (
Note 1) ................................................................................................................................. 1.3W
Note 1: 1 oz. four-layer 3 inches x 4 inches PCB
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
OPERATING SUPPLY VOLTAGES AND CURRENTS
Electrical Specifications for Operating Supply Currents: Over operating conditions unless otherwise specified.
VLL = 3.3V, AVDD = VDD = +12V, and TA = 25°C
Parameter
Sym.
Min.
Typ.
Max. Unit
Conditions
Logic Supply
VLL
1.8
3.3
3.6
V
Positive Analog Supply
AVDD
4.75
—
12.9
V
AVDD ≥ VDD
Positive Gate Drive Supply
VDD
4.75
—
12.9
V
Logic Reference Current
IVLL
—
10
—
µA VLL = 3.3V
AVDD Power-Down Current
IAVDDQ
—
400
—
µA
EN = 0, all inputs low
VDD Power-Down Current
IVDDQ
—
50
100
µA
AVDD Power-Up Current
IAVDDEN
—
2
3
mA
EN = 1, all inputs low
VDD Power-Up Current
IVDDEN
—
0.7
1
mA
AVDD CW 5 MHz Current
IAVDDCW
—
10
—
mA All channels on at 5 MHz,
no load, VDD = 5V
VDD CW 5 MHz Current
IVDDCW
—
33
—
mA
DC ELECTRICAL CHARACTERISTICS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
P-CHANNEL AND N-CHANNEL GATE DRIVER OUTPUTS
Output Sink Resistance
P-Channel
RSINK
—
—
6
Ω
ISINK = 100 mA
N-Channel
—
3
6
Ω
ISINK = 100 mA
Output Source Resistance
P-Channel
RSOURCE
—
—
6
Ω
ISOURCE = 100 mA
N-Channel
—
4
6
Ω
ISOURCE = 100 mA
Peak Output Sink Current
P-Channel
ISINK
1.7
2
—
A
N-Channel
1.7
2
—
A
Peak Output Source Current
P-Channel
ISOURCE
1.7
2
—
A
N-Channel
1.7
2
—
A
LOGIC INPUTS
Chip Disable Low Voltage
VENL
0
—
0.3
V
VLL/EN is a dual function
pin.
Input Logic High Voltage
VIH
0.8 VLL —
VLL
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com