Electronic Components Datasheet Search
  English  ▼

X  

MD1716 Datasheet(PDF) 5 Page - Microchip Technology

Part # MD1716
Description  3-Channel 3-Level High-Speed Ultrasound Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1716 Datasheet(HTML) 5 Page - Microchip Technology

  MD1716 Datasheet HTML 1Page - Microchip Technology MD1716 Datasheet HTML 2Page - Microchip Technology MD1716 Datasheet HTML 3Page - Microchip Technology MD1716 Datasheet HTML 4Page - Microchip Technology MD1716 Datasheet HTML 5Page - Microchip Technology MD1716 Datasheet HTML 6Page - Microchip Technology MD1716 Datasheet HTML 7Page - Microchip Technology MD1716 Datasheet HTML 8Page - Microchip Technology MD1716 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2020 Microchip Technology Inc.
DS20005924A-page 5
MD1716
TEMPERATURE SPECIFICATIONS
Input Logic Low Voltage
VIL
0
—
0.2 VLL
V
Input Logic High Current
IIH
—
—
1
µA
Input Logic Low Current
IIL
–1
—
—
µA
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Over operating conditions unless otherwise specified. VLL = 3.3V, AVDD = VDD = +12V,
and TA = 25°C
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Input Rise and Fall Time
tirf
—
—
10
ns
Logic input edge speed
requirement
Output Rise Time
tr
—
6.5
—
ns
1 nF load, input signal
rise/fall time 2 ns (See
Timing Waveforms.)
Output Fall Time
tf
—
6.5
—
ns
Output Rise Delay
tdr
—
10
—
ns
1 nF load, input signal
rise/fall time 2 ns (See
Timing Waveforms.)
Output Fall Delay
tdf
—
10
—
ns
Rise and Fall Time Matching
|tr–tf|
—
1
—
—
For each channel
Propagation Delay Matching
|tdr–tdf|
—
1
—
—
Delay Time Matching
tdm
—
±2
—
ns
Channel to channel and
device to device
Output Jitter
Δtj
—
20
—
ps
VDD = 10V
IC Enable Time
tEN_ON
—
—
50
μs
IC Disable Time
tEN_OFF
—
—
2
μs
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Junction Temperature
TJ
0
—
+125
°C
Storage Temperature
TS
–65
—
+150
°C
PACKAGE THERMAL RESISTANCE
40-lead QFN
JA
—
24
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com