Electronic Components Datasheet Search
  English  ▼

X  

MD1716 Datasheet(PDF) 7 Page - Microchip Technology

Part # MD1716
Description  3-Channel 3-Level High-Speed Ultrasound Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1716 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MD1716 Datasheet HTML 3Page - Microchip Technology MD1716 Datasheet HTML 4Page - Microchip Technology MD1716 Datasheet HTML 5Page - Microchip Technology MD1716 Datasheet HTML 6Page - Microchip Technology MD1716 Datasheet HTML 7Page - Microchip Technology MD1716 Datasheet HTML 8Page - Microchip Technology MD1716 Datasheet HTML 9Page - Microchip Technology MD1716 Datasheet HTML 10Page - Microchip Technology MD1716 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2020 Microchip Technology Inc.
DS20005924A-page 7
MD1716
2.0
PIN DESCRIPTION
The details on the pins of MD1716 are listed in
Table 2-1. See
Package Type for the location of pins.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
POSA
POS input logic control for Channel A. See Table 3-1 for details.
2
NEGA
NEG input logic control for Channel A. See Table 3-1 for details.
3
POSB
POS input logic control for Channel B. See Table 3-2 for details.
4
VLL/EN
Logic high reference voltage and chip enable input
5
AVDD
Positive supply voltage of analog circuitry. AVDD should have the same or higher
potential than the VDD.
6
AGND
Digital ground and connection of IC substrate
7
AGND
Digital ground and connection of IC substrate
8
NEGB
NEG input logic control for Channel B. See Table 3-2 for details.
9
POSC
POS input logic control for Channel C. See Table 3-3 for details.
10
NEGC
NEG input logic control for Channel C. See Table 3-3 for details.
11
VDD
Positive supply voltage of the gate drivers for the output stage in Channel A,
Channel B, and Channel C
12
OP2C
Damping P-channel gate driver for Channel C
13
VDD
Positive supply voltage of the gate drivers for the output stage in Channel A,
Channel B, and Channel C
14
GND
Power ground
15
OP1C
High-voltage output P-channel gate driver for Channel C
16
VDD
Positive supply voltage of the gate drivers for the output stage in Channel A,
Channel B, and Channel C
17
ON2C
Damping N-channel gate driver for Channel C
18
GND
Power ground
19
VDD
Positive supply voltage of the gate drivers for the output stage in Channel A,
Channel B, and Channel C
20
ON1C
High-voltage output N-channel gate driver for Channel C
21
GND
Power ground
22
ON2B
Damping N-channel gate driver for Channel B
23
GND
Power ground
24
OP2B
Damping P-channel gate driver for Channel B
25
VDD
Positive supply voltage of the gate drivers for the output stage in Channel A,
Channel B, and Channel C
26
GND
Power ground
27
OP1B
High-voltage output P-channel gate driver for Channel B
28
VDD
Positive supply voltage of the gate drivers for the output stage in Channel A,
Channel B, and Channel C
29
GND
Power ground
30
ON1B
High-voltage output N-channel gate driver for Channel B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com