Electronic Components Datasheet Search
  English  ▼

X  

MIC69301 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC69301
Description  Single Supply VIN, Low VIN, Low VOUT, 3A LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC69301 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC69301 Datasheet HTML 6Page - Microchip Technology MIC69301 Datasheet HTML 7Page - Microchip Technology MIC69301 Datasheet HTML 8Page - Microchip Technology MIC69301 Datasheet HTML 9Page - Microchip Technology MIC69301 Datasheet HTML 10Page - Microchip Technology MIC69301 Datasheet HTML 11Page - Microchip Technology MIC69301 Datasheet HTML 12Page - Microchip Technology MIC69301 Datasheet HTML 13Page - Microchip Technology MIC69301 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MIC69301/2/3
DS20006625A-page 10
2021 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
(Fixed)
S-PAK,
TO-263
Pin Number
(Adj.)
S-PAK,
TO-263
Pin Number
(Fixed)
ePad SOIC
Pin Number
(Adj.)
ePad SOIC
Pin Number
(Adj.)
ePad DFN
Pin Name
Description
1
1
2
2
3
EN
Enable (Input): CMOS com-
patible input. Logic high =
enable, logic low = shutdown.
Do not leave pin floating.
2
2
3, 4
3, 4
4, 5, 6
IN
Input voltage that supplies cur-
rent to the output power
device.
3, TAB
3, TAB
1
1
1
GND
Ground (TAB is connected to
ground on S-PAK and
TO-263).
4
4
5, 6
5, 6
7, 9
OUT
Regulator Output.
—
—
7
—
—
SNS
Output voltage sense. Con-
nect to output voltage.
—
5
—
7
11
ADJ
Adjustable regulator feedback
input. Connect to resistor volt-
age divider.
5
—
8
8
12
FLG
Error Flag (Output): Open col-
lector output. Active-low indi-
cates an output fault condition.
—
—
EP
EP
EP
EP
Exposed pad. Connect to
GND.
—
—
—
—
2, 8, 10
NC
No Connect. Not internally
connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com