Electronic Components Datasheet Search
  English  ▼

X  

SY75602A Datasheet(PDF) 4 Page - Microchip Technology

Part # SY75602A
Description  2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75602A Datasheet(HTML) 4 Page - Microchip Technology

  SY75602A Datasheet HTML 1Page - Microchip Technology SY75602A Datasheet HTML 2Page - Microchip Technology SY75602A Datasheet HTML 3Page - Microchip Technology SY75602A Datasheet HTML 4Page - Microchip Technology SY75602A Datasheet HTML 5Page - Microchip Technology SY75602A Datasheet HTML 6Page - Microchip Technology SY75602A Datasheet HTML 7Page - Microchip Technology SY75602A Datasheet HTML 8Page - Microchip Technology SY75602A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SY75602A/02B/603A/03B/604A/04B
DS20006508B-page 4
2021 Microchip Technology Inc. and its subsidiaries
Input Leakage Current for
OExb Inputs (Includes
Current due to Pull-Down
Resistors)
IIL_OE
–5
—
50
µA
VIN = VDD, VIN = GND
SY75603/4 only
Single Ended Input Common
Mode Voltage (IN_p) (HCSL
Common Mode)
VSIC
0.25
—
0.55
V
—
Single Ended Input Voltage
Swing for IN_p
VSID
0.3
—
1.45
V
—
Maximum Input Voltage
VIN(MAX)
—
—
1.15
V
—
Minimum Input Voltage
VIN(MIN)
–0.3
—
—
V
—
Input Frequency (Differential)
fIN
0
—
250
MHz —
Input Frequency (Single
Ended)
fIN_SE
0
—
250
MHz —
Input Duty Cycle
DC
35
—
65
%
—
Note 1: Tested with 100 MHz clock with outputs driving 5” long trace terminated with 2 pF capacitors to ground.
2: Output Enable control pins are synchronous with the input clock and it takes four rising edges before out-
puts get enabled and five rising edges before outputs get disabled. Hence the minimum input frequency is
greater than 0 Hz. Once the outputs are enabled the input clock frequency can be reduced to 0 Hz.
OUTPUT ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VDD = 3.3V ±10%, 2.5V±10%; 1.8V±10%; TA = –40°C to +105°C, CLOAD = 2 pF unless
noted.
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
Rising Edge Rate
—
1
2.5
4
V/ns Note 2, Note 3
Falling Edge Rate
—
1
2.5
4
V/ns Note 2, Note 3
Differential Output High Voltage
VOH
0.6
—
0.9
V
Note 2
Differential Output Low Voltage
VOL
–0.9
—
–0.6
V
Note 2
Absolute Crossing Voltage
VCROSS
0.25
—
0.55
V
Note 1, Note 4,
Note 5
Variation of VCROSS Over All Rising Clock
Edges
VCROSS_DELTA
—
—
0.14
V
Note 1, Note 4,
Note 8
Ring Back Voltage Margin
VRB
–0.1
—
0.1
V
Note 2, Note 10
Time Before VRB is Allowed
tSTABLE
500
—
—
ps
Note 2, Note 10
Cycle-to-Cycle Additive Jitter
tCCJITTER
—
6.5
8.1
ps
Note 2
Absolute Maximum Output Voltage
VMAX
—
—
1.15
V
Note 1, Note 6
Absolute Minimum Output Voltage
VMIN
–0.3
—
—
V
Note 1, Note 7
Output Duty Cycle
VDC
48
50
52
%
When input has
50% duty cycle
and VIN ≥ 200 mV,
Note 2
Rising to Falling Edge Matching
Rise-Fall
Matching
—
—
20
%
Note 1, Note 11
Clock Source DC Impedance (OUTx_p) for
part with 85Ω embedded differential series
resistance (parts with suffix “A”)
ZC-DC_OUT_p
34
—
51
Ω
Note 1, Note 9
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VDD = 3.3V ±10%, 2.5V±10%; 1.8V±10%; TA = –40°C to +105°C, unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com