Electronic Components Datasheet Search
  English  ▼

X  

SY75602A Datasheet(PDF) 6 Page - Microchip Technology

Part # SY75602A
Description  2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75602A Datasheet(HTML) 6 Page - Microchip Technology

Back Button SY75602A Datasheet HTML 2Page - Microchip Technology SY75602A Datasheet HTML 3Page - Microchip Technology SY75602A Datasheet HTML 4Page - Microchip Technology SY75602A Datasheet HTML 5Page - Microchip Technology SY75602A Datasheet HTML 6Page - Microchip Technology SY75602A Datasheet HTML 7Page - Microchip Technology SY75602A Datasheet HTML 8Page - Microchip Technology SY75602A Datasheet HTML 9Page - Microchip Technology SY75602A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SY75602A/02B/603A/03B/604A/04B
DS20006508B-page 6
2021 Microchip Technology Inc. and its subsidiaries
JITTER AND PHASE NOISE
Parameter
Symbol
Min. Typ. Max.
Units
Conditions
Peak-to-Peak Additive Jitter
p-p AJRMS
—
—
4.5
ps
Note 1, Note 2
Additive Jitter as per PCIe 1.0
(1.5 MHz to 22 MHz)
tjPCIe_1.0
—
0.7
0.8
psRMS Note 1, Note 2
Additive Jitter as per PCIe 2.0 high band (1.5 MHz
to 50 MHz)
tjPCIe_2.0_high —
70
90
fsRMS Note 1, Note 2
Additive Jitter as per PCIe 2.0 low band
(10 kHz to 1.5 MHz)
tjPCIe_2.0_low
—
14
20
fsRMS Note 1, Note 2
Additive Jitter as per PCIe 2.0 mid band
(5 MHz to 16 MHz)
tjPCIe_2.0_mid
—
55
74
fsRMS Note 1, Note 2
Additive Jitter as per PCIe 3.0
(PLL_BW = 2 to 5 MHz, CDR = 10 MHz)
tjPCIe_3.0
—
18
22
fsRMS Note 1, Note 2
Additive Jitter as per PCIe 4.0
(PLL_BW = 2 to 5 MHz, CDR = 10 MHz)
tjPCIe_4.0
—
18
22
fsRMS Note 1, Note 2
Additive Jitter as per PCIe 5.0
(PLL_BW = 0.5 to 1.8 MHz, CDR for 32 GT/s CC)
tjPCIe_5.0
—
7
10
fsRMS Note 2, Note 3
Additive jitter as per Intel QPI 9.6 Gbps
tjQPI
—
35
45
fsRMS Note 1, Note 2
Additive RMS jitter in 1 MHz to 20 MHz band
tj_1M_20M
—
51
66
fsRMS
Note 1, Note 2
(100 MHz clock)
—
40
54
fsRMS
Note 1, Note 2
(133 MHz clock)
Additive RMS jitter in 12 kHz to 20 MHz band
tj_12k_20M
—
52
68
fsRMS
Note 1, Note 2
(100 MHz clock)
—
44
58
fsRMS
Note 1, Note 2
(133 MHz clock)
Noise Floor
NF
— –165 –163
dBc/Hz Note 1, Note 2
(100 MHz clock)
— –165 –163
dBc/Hz Note 1, Note 2
(133 MHz clock)
Note 1: Measured into AC test load as per Figure 1-7.
2: Measured from differential crossing point to differential crossing point.
3: Measured with 50Ω termination in instrument without a test load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com