Electronic Components Datasheet Search
  English  ▼

X  

SY75602A Datasheet(PDF) 11 Page - Microchip Technology

Part # SY75602A
Description  2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75602A Datasheet(HTML) 11 Page - Microchip Technology

Back Button SY75602A Datasheet HTML 7Page - Microchip Technology SY75602A Datasheet HTML 8Page - Microchip Technology SY75602A Datasheet HTML 9Page - Microchip Technology SY75602A Datasheet HTML 10Page - Microchip Technology SY75602A Datasheet HTML 11Page - Microchip Technology SY75602A Datasheet HTML 12Page - Microchip Technology SY75602A Datasheet HTML 13Page - Microchip Technology SY75602A Datasheet HTML 14Page - Microchip Technology SY75602A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006508B-page 11
SY75602A/02B/603A/03B/604A/04B
TABLE 3-2:
SY75604A/04B AND SY75603A/03B PIN FUNCTION TABLE
Pin Number
Pin Name
SY75604A/04B
Pin Name
SY75603A/03B
Type
Description
Input Reference
1
IN_p
IN_p
I
Differential/Single Ended Input Reference
Input frequency range >0 Hz to 250 MHz
Note 1: >0 Hz means frequency higher than DC. Output Enable
control pins (OExb) need four clock cycles before the corre-
sponding output get enabled/disable. This feature ensures glitch
free transition of the outputs.
Note 2: The differential input has hysteresis of 30 mV that pre-
vents outputs from randomly toggling when both p and n inputs
are at the same voltage level. For example, when p and n inputs
are held low as in the case when the buffer is driven from an
HCSL driver that is disabled.
2
IN_n
IN_n
Output Clocks
4
OUT0_p
NC
O
Ultra-Low Additive Jitter Differential Outputs 0 to 1
(SY75603A/03B) and 0 to 3 (SY75604A/04B)
Output frequency range >0 Hz to 250 MHz
NC are no connect pins. They are not bonded to the die but they
should be soldered to the board for mechanical reasons.
5
OUT0_n
NC
7
OUT1_p
NC
8
OUT1_n
NC
10
OUT2_p
OUT0_p
11
OUT2_n
OUT0_n
14
OUT3_p
OUT1_p
15
OUT3_n
OUT1_n
Control Inputs
3
OE0b
NC
IPD
Output Enable Control
When OExb is low the output x where x = {0,1} for
SY75603A/03B and x = {0,1,2,3} for SY75604A/04B is active.
OExb is synchronous and it takes 3.5 clock cycles of the input
clock to enable and 4.5 clock to disable the output.
OExb pins are pulled-down with 100 kΩ resistor
NC are no connect pins. They are not bonded to the die but they
should be soldered to the board for mechanical reasons.
6
OE1b
NC
12
OE2b
OE0b
16
OE3b
OE1b
Power and Ground
13
VDD
VDD
P
Positive Supply Voltage: Connect to either 3.3V, 2.5V, or 1.8V
supply.
9
ePad
GND
GND
P
Ground: Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com