Electronic Components Datasheet Search
  English  ▼

X  

ADP220 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP220
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP220 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP220 Datasheet HTML 2Page - Analog Devices ADP220 Datasheet HTML 3Page - Analog Devices ADP220 Datasheet HTML 4Page - Analog Devices ADP220 Datasheet HTML 5Page - Analog Devices ADP220 Datasheet HTML 6Page - Analog Devices ADP220 Datasheet HTML 7Page - Analog Devices ADP220 Datasheet HTML 8Page - Analog Devices ADP220 Datasheet HTML 9Page - Analog Devices ADP220 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP220/ADP221
Data Sheet
Rev. H | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
2
EN1
VOUT1
GND
VIN
EN2
VOUT2
B
C
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
EN1
Enable Input for Regulator 1. Drive EN1 high to turn on Regulator 1; drive it low to turn off Regulator 1.
For automatic startup, connect EN1 to VIN.
B1
GND
Ground Pin.
C1
EN2
Enable Input for Regulator 2. Drive EN2 high to turn on Regulator 2; drive it low to turn off Regulator 2.
For automatic startup, connect EN2 to VIN.
A2
VOUT1
Regulated Output Voltage 1. Connect a 1 µF or greater output capacitor between VOUT1 and GND.
B2
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 µF or greater capacitor.
C2
VOUT2
Regulated Output Voltage 2. Connect a 1 µF or greater output capacitor between VOUT2 and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com