Electronic Components Datasheet Search
  English  ▼

X  

ADP220 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP220
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP220 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP220 Datasheet HTML 12Page - Analog Devices ADP220 Datasheet HTML 13Page - Analog Devices ADP220 Datasheet HTML 14Page - Analog Devices ADP220 Datasheet HTML 15Page - Analog Devices ADP220 Datasheet HTML 16Page - Analog Devices ADP220 Datasheet HTML 17Page - Analog Devices ADP220 Datasheet HTML 18Page - Analog Devices ADP220 Datasheet HTML 19Page - Analog Devices ADP220 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADP220/ADP221
Data Sheet
Rev. H | Page 18 of 20
ORDERING GUIDE
Model1
Temperature
Range
VOUT1/VOUT2
Output Voltage (V)2
Package Description
Package
Option
Branding
ADP220ACBZ-1118R7
−40°C to +125°C
1.1/1.8
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
LFY
ADP220ACBZ-1812R7
−40°C to +125°C
1.8/1.2
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
LEK
ADP220ACBZ-1827R7
−40°C to +125°C
1.8/2.7
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
LEH
ADP220ACBZ-2623R7
−40°C to +125°C
2.6/2.3
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
LGD
ADP220ACBZ-26235R7
−40°C to +125°C
2.6/2.35
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
L9L
ADP220ACBZ-2812R7
−40°C to +125°C
2.8/1.2
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
L8W
ADP220ACBZ-2818R7
−40°C to +125°C
2.8/1.8
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
LEL
ADP220ACBZ-2827R7
−40°C to +125°C
2.8/2.7
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
L8X
ADP220ACBZ-2828R7
−40°C to +125°C
2.8/2.8
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
L8Y
ADP220ACBZ275275R7
−40°C to +125°C
2.75/2.75
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
L8Z
ADP220ACBZ-3033R7
−40°C to +125°C
3.0/3.3
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
LH4
ADP220ACBZ-1212R7
−40°C to +125°C
1.2/1.2
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
LLT
ADP220ACBZ-2525R7
−40°C to +125°C
2.5/2.5
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
LLU
ADP221
ACBZ2828-R7
−40°C to +125°C
2.8/2.8
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
L90
ADP221
ACBZ-1818-R7
−40°C to +125°C
1.8/1.8
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
LJ0
ADP221
ACDZ-1818-R7
−40°C to +125°C
1.8/1.8
6-Ball Bumped Bare Die Sales [Bump Chip]
CD-6-7
LJ0
ADP220-2828-EVALZ
−40°C to +125°C
2.8/2.8
2.8 V/2.8 V Evaluation Board
ADP221-2828-EVALZ
−40°C to +125°C
2.8/2.8
2.8 V/2.8 V with Output Discharge Evaluation Board
1
Z = RoHS Compliant Part.
2
For additional voltage options, contact a local Analog Devices sales or distribution representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com