Electronic Components Datasheet Search
  English  ▼

X  

ADP220 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP220
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP220 Datasheet(HTML) 1 Page - Analog Devices

  ADP220 Datasheet HTML 1Page - Analog Devices ADP220 Datasheet HTML 2Page - Analog Devices ADP220 Datasheet HTML 3Page - Analog Devices ADP220 Datasheet HTML 4Page - Analog Devices ADP220 Datasheet HTML 5Page - Analog Devices ADP220 Datasheet HTML 6Page - Analog Devices ADP220 Datasheet HTML 7Page - Analog Devices ADP220 Datasheet HTML 8Page - Analog Devices ADP220 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual, 200 mA, Low Noise,
High PSRR Voltage Regulator
Data Sheet
ADP220/ADP221
Rev. H
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.5 V to 5.5 V
Dual independent 200 mA low dropout voltage regulators
Miniature 6-ball, 1.0 mm × 1.5 mm WLCSP and 6-ball
bumped bare die
Initial accuracy: ±1%
Stable with 1 µF ceramic output capacitors
No noise bypass capacitor required
Two independent logic controlled enables
Overcurrent and thermal protection
Active output pull-down (ADP221)
Key specifications
High PSRR
76 dB PSRR up to 1 kHz
70 dB PSRR at 10 kHz
60 dB PSRR at 100 kHz
40 dB PSRR at 1 MHz
Low output noise
27 µV rms typical output noise at VOUT = 1.2 V
50 µV rms typical output noise at VOUT = 2.8 V
Excellent transient response
Low dropout voltage: 150 mV @ 200 mA load
60 µA typical ground current at no load, both LDOs enabled
100 µs fast turn-on circuit
Guaranteed 200 mA output current per regulator
−40°C to +125°C junction temperature
APPLICATIONS
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
Portable medical devices
Post dc-to-dc regulation
TYPICAL APPLICATION CIRCUITS
EN1
VOUT1
GND
VIN
EN2
VOUT2
TOP VIEW
(Not to Scale)
1
A
B
C
2
VOUT1 = 2.8V
1µF
1µF
1µF
VIN = 3.3V
VOUT2 = 2.8V
OFF
ON
OFF
ON
Figure 1. Typical Application Circuit
THERMAL
SHUTDOWN
EN1
EN2
GND
CURRENT
LIMIT
CURRENT
LIMIT
60Ω
60Ω
REFERENCE
ADP221
ONLY
CONTROL
LOGIC
AND
ENABLE
VIN
VOUT1
VOUT2
ADP220
Figure 2. Block Diagram of the ADP220/ADP221
GENERAL DESCRIPTION
The 200 mA dual output ADP220/ADP221 combine high PSRR,
low noise, low quiescent current, and low dropout voltage in a
voltage regulator ideally suited for wireless applications with
demanding performance and board space requirements.
The low quiescent current, low dropout voltage, and wide input
voltage range of the ADP220/ADP221 extend the battery life of
portable devices. The ADP220/ADP221 maintain power supply
rejection greater than 60 dB for frequencies as high as 100 kHz
while operating with a low headroom voltage. The ADP220
offers much lower noise performance than competing LDOs
without the need for a noise bypass capacitor. The ADP221 also
includes an active pull-down to quickly discharge output loads.
The ADP220/ADP221 are available in a miniature 6-ball
WLCSP package and 6-ball bumped bare die and is stable with
tiny 1 µF ± 30% ceramic output capacitors, resulting in the smallest
possible board area for a wide variety of portable power needs.
The ADP220/ADP221 are available in many output voltage
combinations, ranging from 0.8 V to 3.3 V, and offer overcur-
rent and thermal protection to prevent damage in adverse
conditions.


Similar Part No. - ADP220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP222 AD-ADP222 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
ADP222ACPZ-1218-R7 AD-ADP222ACPZ-1218-R7 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
ADP222ACPZ-1228-R7 AD-ADP222ACPZ-1228-R7 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
ADP222ACPZ-1233-R7 AD-ADP222ACPZ-1233-R7 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
ADP222ACPZ-1528-R7 AD-ADP222ACPZ-1528-R7 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
More results

Similar Description - ADP220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP320 AD-ADP320 Datasheet
716Kb / 20P
Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
REV. 0
logo
ON Semiconductor
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
logo
ON Semiconductor
NCP729 ONSEMI-NCP729 Datasheet
680Kb / 13P
200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 - Rev. 1
NCP700B ONSEMI-NCP700B_13 Datasheet
619Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Analog Devices
ADP322 AD-ADP322 Datasheet
841Kb / 24P
Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com