Electronic Components Datasheet Search
  English  ▼

X  

QPL9503 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPL9503
Description  Ultra Low-Noise, Flat Gain LNA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL9503 Datasheet(HTML) 1 Page - Qorvo, Inc

  QPL9503 Datasheet HTML 1Page - Qorvo, Inc QPL9503 Datasheet HTML 2Page - Qorvo, Inc QPL9503 Datasheet HTML 3Page - Qorvo, Inc QPL9503 Datasheet HTML 4Page - Qorvo, Inc QPL9503 Datasheet HTML 5Page - Qorvo, Inc QPL9503 Datasheet HTML 6Page - Qorvo, Inc QPL9503 Datasheet HTML 7Page - Qorvo, Inc QPL9503 Datasheet HTML 8Page - Qorvo, Inc QPL9503 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
QPL9503
Ultra Low-Noise, Flat Gain LNA
Data Sheet, Rev E, June 10, 2020 | Subject to change without notice
1 of 9
www.qorvo.com
®
8 Pin 2X2 mm DFN Package
General Description
The QPL9503 is a flat-gain, high-linearity, ultra-low noise
amplifier in a small 2 x 2 mm surface-mount package. The
LNA provides a gain flatness of 2 dB (peak-to-peak) over a
wide bandwidth from 3 to 6 GHz. At 5.5 GHz, the amplifier
typically provides 21.6 dB gain, +35.5 dBm OIP3 at a 56mA
bias setting, and 0.95 dB noise figure. The LNA can be
biased from a single positive supply ranging from 3.3 to 5
volts. The device is housed in a green/RoHS-compliant
industry-standard 2x2 mm package.
The
QPL9503
is
internally
matched
using
a
high
performance E-pHEMT process and only requires five
external components for operation from a single positive
supply: an external RF choke and blocking/bypass
capacitors and a bias resistor going to pin 1. This LNA
integrates a shut-down biasing capability to allow for
operation in TDD applications.
The QPL9503 is optimized for linear performance across
the 3 to 6 GHz frequency band but can operate down to 600
MHz.
Applications
• 4.5G, 5G Massive MIMO
• Repeaters / DAS
• Mobile Infrastructure
• LTE-U / LAA
• L-band, S-band, C-band radios
• General Purpose Wireless
• TDD or FDD systems
Product Features
• 0.6-6 GHz Operational Bandwidth
• Ultra low noise figure, 0.95 dB NF @ 5.5 GHz
• Bias adjustable for linearity optimization
• 35.5 dBm OIP3 at 65mA IDD
• Shut-down mode pin with 1.8V TTL logic
• Unconditionally stable
• Integrated shutdown control pin
• Maintains OFF state with high Pin drive
• +3V to +5V supply; does not require -Vgg
Functional Block Diagram
Top View
Ordering Information
Part No.
Description
QPL9503SR
100 pcs on
7” reel
QPL9503TR7
2500 pcs on
7” reel
QPL9503EVB-01
5-6GHz Tuned Evaluation Board
Standard T/R size = 2500 pieces on a 7
” reel
Backside Paddle - RF/DC GND
Pin 1 Reference Mark
8
7
6
5
1
2
3
4
NC
RF Out
GND
Shut Down
Vbias
RF In
NC
GND


Similar Part No. - QPL9503

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPL9503 TRIQUINT-QPL9503 Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
QPL9503EVB-01 TRIQUINT-QPL9503EVB-01 Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
QPL9503SR TRIQUINT-QPL9503SR Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
QPL9503TR7 TRIQUINT-QPL9503TR7 Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
More results

Similar Description - QPL9503

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9092 TRIQUINT-TQL9092 Datasheet
574Kb / 9P
Ultra Low Noise, Flat Gain LNA
TQL9093 TRIQUINT-TQL9093 Datasheet
443Kb / 9P
Ultra Low Noise, Flat Gain LNA
QPL9503 TRIQUINT-QPL9503 Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
QPL6202 TRIQUINT-QPL6202 Datasheet
777Kb / 8P
Ultra-Low Noise, High Gain LNA
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL6202Q QORVO-QPL6202Q Datasheet
769Kb / 8P
Ultra-Low Noise, High Gain LNA
QPL9057 QORVO-QPL9057 Datasheet
1Mb / 12P
Ultra-Low Noise Flat Gain Amplifier
Sept 20, 2020
QPL9504 QORVO-QPL9504 Datasheet
1Mb / 12P
Ultra Low Noise, Flat Gain LNA
Dec 15, 2020
TQL9092 QORVO-TQL9092 Datasheet
789Kb / 12P
Ultra Low-Noise, Flat Gain LNA
July 21, 2020
TQL9093 QORVO-TQL9093 Datasheet
717Kb / 12P
Ultra Low-Noise, Flat Gain LNA
G, June 10, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com