Electronic Components Datasheet Search
  English  ▼

X  

QPL9503 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPL9503
Description  Ultra Low-Noise, Flat Gain LNA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL9503 Datasheet(HTML) 4 Page - Qorvo, Inc

  QPL9503 Datasheet HTML 1Page - Qorvo, Inc QPL9503 Datasheet HTML 2Page - Qorvo, Inc QPL9503 Datasheet HTML 3Page - Qorvo, Inc QPL9503 Datasheet HTML 4Page - Qorvo, Inc QPL9503 Datasheet HTML 5Page - Qorvo, Inc QPL9503 Datasheet HTML 6Page - Qorvo, Inc QPL9503 Datasheet HTML 7Page - Qorvo, Inc QPL9503 Datasheet HTML 8Page - Qorvo, Inc QPL9503 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
QPL9503
Ultra Low-Noise, Flat Gain LNA
Data Sheet, Rev E, June 10, 2020 | Subject to change without notice
4 of 9
www.qorvo.com
®
Performance Plots
– QPL9503 Evaluation Board
Test conditions unless otherwise noted:
VDD=+5 V, IDD = 65mA, Temp=+25°C. Noise figure data has input trace loss de-embedded.
10
13
16
19
22
25
1000
2000
3000
4000
5000
6000
7000
Frequency (MHz)
Gain vs. Frequency
+105 °C
+25 °C
−40 °C
-15
-10
-5
0
1000
2000
3000
4000
5000
6000
7000
Frequency (MHz)
Input Return Loss vs. Frequency
+105 °C
+25 °C
−40 °C
-15
-10
-5
0
1000
2000
3000
4000
5000
6000
7000
Frequency (MHz)
Output Return Loss vs. Frequency
+105 °C
+25 °C
−40 °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
Noise Figure vs Frequency
28
29
30
31
32
33
34
35
36
37
38
-3
-2
-1
0
1
2
3
4
5
6
7
Pout/tone (dBm)
OIP3 vs Pout
3GHz
4GHz
4.5GHz
5GHz
5.5GHz
6GHz
Temp.=+25 °C
25
28
31
34
37
40
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
OIP3 vs Frequency
+105 °C
+25 °C
−40 °C
10
15
20
25
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
P1dB vs Frequency
+105 °C
+25 °C
−40 °C
0
5
10
15
20
25
30
35
40
-45
-40
-35
-30
-25
-20
-15
-10
-5
-10
-5
0
5
10
15
20
25
Pin (dBm)
Gain & I
DD vs Pin (LNA OFF)
Gain
IDD
VPD = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com