Electronic Components Datasheet Search
  English  ▼

X  

QPL9503 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPL9503
Description  Ultra Low-Noise, Flat Gain LNA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL9503 Datasheet(HTML) 3 Page - Qorvo, Inc

  QPL9503 Datasheet HTML 1Page - Qorvo, Inc QPL9503 Datasheet HTML 2Page - Qorvo, Inc QPL9503 Datasheet HTML 3Page - Qorvo, Inc QPL9503 Datasheet HTML 4Page - Qorvo, Inc QPL9503 Datasheet HTML 5Page - Qorvo, Inc QPL9503 Datasheet HTML 6Page - Qorvo, Inc QPL9503 Datasheet HTML 7Page - Qorvo, Inc QPL9503 Datasheet HTML 8Page - Qorvo, Inc QPL9503 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
QPL9503
Ultra Low-Noise, Flat Gain LNA
Data Sheet, Rev E, June 10, 2020 | Subject to change without notice
3 of 9
www.qorvo.com
®
QPL9503 Evaluation Board
Notes:
1. See Evaluation Board PCB Information section for material and stack-up.
2.
R3 (0 Ω jumper) is not shown on the schematic and may be replaced with copper trace in the target application layout.
3. All components are of 0402 size unless stated on the schematic.
4.
For TDD Applications: R1 = 20K & R2 = 0Ω
5.
For FDD Applications: R1 = 20K ‘OR’ Pin 5 tied to ground. R2 = DNP/Omitted
6. A through line is included on the evaluation board to de-embed the board losses.
7. R4 sets the current draw. Can be changed for the desired bias point.
Bill of Material
– QPL9503 Evaluation Board
Reference Des.
Value
Description
Manuf.
Part Number
N/A
N/A
Printed Circuit Board
Qorvo
U1
n/a
Ultra Low Noise, Flat Gain LNA
Qorvo
QPL9503
R4
4.3K
Resistor, Chip, 0402, 5%, 1/16W
various
R2
20K
Resistor, chip, 0402, 5%, 1/16W
various
R1, 3
0 Ω
Resistor, Chip, 0402, 5%, 1/16W
various
L1
18 nH
Inductor, 0402, 5%, coil
Coilcraft
0402CS-18NXJL
C1
10 pF
CAP, 0402, +/-1%, 50V
Murata
GJM1555C1H100FB01D
C2
5.6 pF
CAP, 0402, +/-0.1pF, 25V
AVX
04023J6R8BBSTR
C8
0.2 pF
CAP, 0402, +/-0.05pF, 50V
Murata
GJM1555C1HR20WB01
C9
0.4 pF
CAP, 0402, +/-0.05pF, 50V
AVX
04023J0R4ABSTR
C4
1.0 uF
Cap., Chip, 0402, 10%, 10V, X5R
various
C3, C5, C6, C7
100 pF
Cap., Chip, 0402, 5%, 50V, NPO/COG
various
C3
J5
J3
J1
J2
C4
R1
U1
C7
C6
J6
J7
J4
C1
C2
C5
Q1
J2
RF
Output
J4 GND
J3 V
DD
2
3,4,6,8
7
J1
RF
Input
L1
18 nH
C2
5.6 pF
C1
10 pF
C3
100 pF
C4
1 uF
R1
0
R2
20K
J5 P
D
5
R4
4.3K
1
C8
0.2pF
C9
0.4pF
C5
100 pF
See notes 4 & 5.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com