Electronic Components Datasheet Search
  English  ▼

X  

RF2878 Datasheet(PDF) 14 Page - Qorvo, Inc

Part # RF2878
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF2878 Datasheet(HTML) 14 Page - Qorvo, Inc

Back Button RF2878 Datasheet HTML 6Page - Qorvo, Inc RF2878 Datasheet HTML 7Page - Qorvo, Inc RF2878 Datasheet HTML 8Page - Qorvo, Inc RF2878 Datasheet HTML 9Page - Qorvo, Inc RF2878 Datasheet HTML 10Page - Qorvo, Inc RF2878 Datasheet HTML 11Page - Qorvo, Inc RF2878 Datasheet HTML 12Page - Qorvo, Inc RF2878 Datasheet HTML 13Page - Qorvo, Inc RF2878 Datasheet HTML 14Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14 of 14
RF2878
DS111104
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be
provided in the master data or requested from the PCB fabrication supplier.
A
A
A
A
A
2.60
Pin 1
A = 0.90 x 1.20 (mm) Typ.
Pin 5
Dimensions in mm.
0.95 Typ.
1.90 Typ.
Figure 2. PCB Solder Mask (Top View)
RoHS Compliant:
Yes
Package total weight in grams (g):
0.014
Compliance Date Code:
NA
Bill of Materials Revision:
-
Pb Free Category:
e3
Pb
Cd
Hg
Cr VI
PBB
PBDE
Die
000
00
0
Molding Compound
000
00
0
Lead Frame
000
00
0
Die Attach Epoxy
000
00
0
Wire
000
00
0
Solder Plating
000
00
0
* DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment
RoHS* Banned Material Content
Bill of Materials
Parts Per Million (PPM)
This RoHS banned material content declaration was prepared solely on information, including analytical data, provided to RFMD by its
suppliers, and applies to the Bill of Materials (BOM) revision noted above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com