Electronic Components Datasheet Search
  English  ▼

X  

RF2878 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RF2878
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF2878 Datasheet(HTML) 2 Page - Qorvo, Inc

  RF2878 Datasheet HTML 1Page - Qorvo, Inc RF2878 Datasheet HTML 2Page - Qorvo, Inc RF2878 Datasheet HTML 3Page - Qorvo, Inc RF2878 Datasheet HTML 4Page - Qorvo, Inc RF2878 Datasheet HTML 5Page - Qorvo, Inc RF2878 Datasheet HTML 6Page - Qorvo, Inc RF2878 Datasheet HTML 7Page - Qorvo, Inc RF2878 Datasheet HTML 8Page - Qorvo, Inc RF2878 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
RF2878
DS111104
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage, VCC
<5V
Power Down Voltage, VPD
<3V
Input RF Level
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Operating Junction Temperature
150
°C
ICC
30
mA
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
RF Frequency Range
150
2500
MHz
Low Noise Amplifier
881MHz Performance
Schematic per LNA Application;
T=25°C, RF=881MHz, VPD=2.8V,
R1=1k
Gain
20
dB
VCC=3.0V, ICC=7.6mA
20
dB
VCC=2.7V, ICC=7.5mA
Noise Figure
1.4
1.6
dB
VCC=3.0V, ICC=7.6mA
1.4
1.6
dB
VCC=2.7V, ICC=7.5mA
Input IP3
+6.0
dBm
VCC=3.0V, ICC=7.6mA
+5.5
dBm
VCC=2.7V, ICC=7.5mA
Low Noise Amplifier
1950MHz Performance
Schematic per LNA Application;
T=25°C, RF=1950MHz, VPD=2.8V, R1=1k
Gain
13
dB
VCC=3.0V, ICC=6.4mA
13
dB
VCC=2.7V, ICC=6.3mA
Noise Figure
1.3
1.5
dB
VCC=3.0V, ICC=6.4mA
1.3
1.5
dB
VCC=2.7V, ICC=6.3mA
Input IP3
+16.5
dBm
VCC=3.0V, ICC=6.4mA
+16.0
dBm
VCC=2.7V, ICC=6.3mA
Driver Amplifier
836MHz Performance
Schematic per Driver Amplifier Application;
T=25°C, RF=836MHz, VPD=2.8V
Gain
19.5
20.5
21.5
dB
VCC=3.5V
19.5
20.5
21.5
dB
VCC=3.0V
19.5
20.5
21.5
dB
VCC=2.7V
Output IP3
25
+32.0
35
dBm
VCC=3.5V
+29.0
dBm
VCC=3.0V
+27.8
dBm
VCC=2.7V
Noise Figure
1.9
2.0
dB
VCC=3.5V
1.85
2.0
dB
VCC=3.0V
1.8
2.0
dB
VCC=2.7V
Reverse Isolation
25
dB
VCC=3.5V
25
dB
VCC=3.0V
25
dB
VCC=2.7V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com