Electronic Components Datasheet Search
  English  ▼

X  

RF2878 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RF2878
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF2878 Datasheet(HTML) 5 Page - Qorvo, Inc

  RF2878 Datasheet HTML 1Page - Qorvo, Inc RF2878 Datasheet HTML 2Page - Qorvo, Inc RF2878 Datasheet HTML 3Page - Qorvo, Inc RF2878 Datasheet HTML 4Page - Qorvo, Inc RF2878 Datasheet HTML 5Page - Qorvo, Inc RF2878 Datasheet HTML 6Page - Qorvo, Inc RF2878 Datasheet HTML 7Page - Qorvo, Inc RF2878 Datasheet HTML 8Page - Qorvo, Inc RF2878 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 of 14
RF2878
DS111104
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic:
350MHz LNA
Application Schematic:
350MHz Linear Driver
1
2
3
5
4
22 nF
J1
RF IN
220 pF
10 nF
1 k
VPD
39 nH
4 pF
J2
RF OUT
220 pF
10 nF
VCC
VCC=3.5V, VPC=2.8V
ICC=7mA
Gain=25.5dB
NF=1.75dB
IIP3=-4.5dBm
S11=-2.8dB
S22=-10.4dB
1
2
3
5
4
C3
22 nF
J1
RF IN
C2
220 pF
C1
10 nF
R1
0
VPD
39 nH
4.3 pF
J2
RF OUT
C5
220 pF
C6
10 nF
VCC
VCC=3.5V, VPC=2.7V
ICC=20mA
Gain=26dB
OIP3=27.5dBm
OP1dB=13.8dBm
S11=S22=-14dB
50
 strip
50
 strip
50
 strip
510
56 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com