Electronic Components Datasheet Search
  English  ▼

X  

AP2203 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2203
Description  150mA RF ULDO REGULATOR WITH ERROR FLAG
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2203 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2203 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2203
Preliminary Datasheet
4
Mar. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Circuit Type
Package
K: SOT-23-5
E1: Lead Free
Blank: Tin Lead
AP2203
-
TR: Tape and Reel
2.5: Fixed Output 2.5V
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-23-5
-40 to 125oC
AP2203K-2.5TR
AP2203K-2.5TRE1
K3C
E3C
Tape & Reel
AP2203K-3.0TR
AP2203K-3.0TRE1
K3F
E3F
Tape & Reel
AP2203K-3.3TR
AP2203K-3.3TRE1
K3G
E3G
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information
3.0: Fixed Output 3.0V
3.3: Fixed Output 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com