Electronic Components Datasheet Search
  English  ▼

X  

AP2203 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2203
Description  150mA RF ULDO REGULATOR WITH ERROR FLAG
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2203 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2203 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2203
Preliminary Datasheet
13
Mar. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Figure 8. Enable Current vs. Junction Temperature
Figure 9. Enable Voltage vs. Junction Temperature
Typical Performance Characteristics (Continued)
-50
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
V
EN
=1.8V
V
EN
=2.0V
V
EN
=3.0V
V
EN
=3.7V
V
IN
=4V, C
IN
=1.0µF,
C
OUT
=2.2µF, I
OUT
=100µA
Junction Temperature (
oC)
AP2203-3.0V
-50
-25
0
25
50
75
100
125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Junction Temperature (
oC)
AP2203-3.0V
V
EN
=on
V
EN
=off
C
IN
=1.0µF, C
OUT
=2.2µF,
V
IN
=4V, I
OUT
=100µA
10
100
1k
10k
100k
1M
10M
1m
10m
100m
1
10
AP2203-3.0V
SOT-23-5 Package
V
IN
=4.5V, I
OUT
=10mA
C
IN
=1µF, C
OUT
=2.2µF
Frequency (Hz)
Figure 10. Output Noise vs. Frequency
Figure 11. Load Transient
(Conditions: VIN=4V, VEN=2V, IOUT=5mA to 200mA,
Time (
µs)
AP2203-3.0V
CIN=1µF, COUT=2.2µF)
0
20
40
60
80
100
120 140
160 180 200
-200
0
0
200
-400
-600
400
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com