Electronic Components Datasheet Search
  English  ▼

X  

AP2203 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2203
Description  150mA RF ULDO REGULATOR WITH ERROR FLAG
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2203 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2203 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2203 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2203
Preliminary Datasheet
7
Mar. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Enable Input Logic-low
Voltage
VIL
Regulator shutdown
0.4
V
0.18
Enable Input Logic-high Voltage
VIH
Regulator enabled
2.0
V
Enable Input Logic-low Current
IIL
VIL≤ 0.4V
0.01
-1
µA
VIL≤ 0.18V
-2
Enable Input Logic-high Current
IIH
VIL≥ 2.0V
5
20
µA
VIL≥ 2.0V
25
Flag Threshold
VERR
Undervoltage condition
(below nominal) (Note 7)
-10
-6
-2
%
Output Logic-low Voltage
(Note 8)
VOL
IFL=1mA
Undervoltage condition
0.2
0.4
V
Flag Leakage Current
IFL
Flag off, VFLAG=0V to 13.2V
-0.1
0.1
1
µA
Note 2: Specifications in bold type are limited to -40oC<TJ<125
oC. Limits over temperature are guaranteed by design, but not
tested in production.
Note 3: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
Note 4: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the
supply is the sum of the load current plus the ground pin current.
Note 7: The error flag comparator includes 2.5% hysteresis.
Note 8: The FLAG pin will be enabled if EN pin voltage is high, and disabled if EN pin voltage is low.
Electrical Characteristics (Continued)
AP2203-2.5V Electrical Characteristics
VIN=3.5V, IOUT=100µA, COUT=2.2µF, VEN≥2.0V, TJ=25
oC, Bold typeface applies over -40oC<T
J<125
oC (note 2), unless other-
wise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com