Electronic Components Datasheet Search
  English  ▼

X  

PTIOL1125DRCR Datasheet(PDF) 3 Page - Texas Instruments

Part # PTIOL1125DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL1125DRCR Datasheet(HTML) 3 Page - Texas Instruments

  PTIOL1125DRCR Datasheet HTML 1Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 2Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 3Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 4Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 5Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 6Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 7Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 8Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
5 Pin Configuration and Functions
1
Thermal Pad
2
3
4
5
10
9
8
7
6
EN
TX
RX
NFAULT
ILIM_ADJ
L–
CQ
L+
WAKE
VCC_IN
Figure 5-1. TIOL112
DRC (VSON), 10-Pin
(Top View)
1
Thermal Pad
2
3
4
5
10
9
8
7
6
EN
TX
RX
NFAULT
ILIM_ADJ
L–
CQ
L+
WAKE
VCC_OUT
Figure 5-2. TIOL1123, TIOL1125
DRC (VSON), 10-Pin
(Top View)
Table 5-1. Pin Functions (VSON Package)
PIN NO
PIN NAME
TYPE
DESCRIPTION
TIOL112
TIOL1123
TIOL1125
1
VCC_IN
VCC_OUT
P
VCC_IN (TIOL112): External 3.3-V or 5-V logic supply input pin. VCC_OUT (TIOL1123,
TIOL1125): 3.3-V or 5-V linear regulator output
2
NFAULT
NFAULT
O
Fault indicator output signal to the microcontroller. A low level indicates either an over- current, an
undervoltage supply or an overtemperature condition.
3
RX
RX
O
Receive data output to the local microcontroller
4
TX
TX
I
Transmit data input from the local microcontroller. No effect if EN is low. Logic high sets low-side
switch. Logic low sets high-side switch. Weak internal pull-up.
5
EN
EN
I
Driver enable input signal from the local microcontroller. Logic low sets the CQ output at Hi-Z.
Weak internal pull-down.
6
ILIM_ADJ
ILIM_ADJ
I
Input for current limit adjustment. Connect resistor RSET between ILIM_ADJ and L-.
7
L-
L-
GND
IO-Link ground potential
8
CQ
CQ
I/O
IO-Link data signal (bidirectional)
9
L+
L+
P
IO-Link supply voltage (24 V nominal)
10
WAKE
WAKE
O
Wake-up indicator to the local microcontroller. Open-drain output, connect this pin via pull-up
resistor to VCC_IN/OUT.
Thermal Pad
Thermal Pad
—
Connect to L- for optimal thermal and electrical performance
www.ti.com
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com