Electronic Components Datasheet Search
  English  ▼

X  

PTIOL1125DRCR Datasheet(PDF) 21 Page - Texas Instruments

Part # PTIOL1125DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL1125DRCR Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTIOL1125DRCR Datasheet HTML 17Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 18Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 19Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 20Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 21Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 22Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 23Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 24Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
When TIOL112(x) is connected to an IO-Link master through a three-wire interface (Figure 9-1), the master can
initiate communication and exchange data with a remote node with the TIOL112(x) IO-Link transceiver acting as
a complete physical layer for the communication.
9.2 Typical Application
1 µF
10 V
Microcontroller
0.1 µF
100 V
10 k
10 k
Sensor
Front-End
IO-Link Master
PHY
VOLTAGE
REGULATOR
DIAGNOSTICS
& CONTROL
ILIM_ADJ
CUR_OK
EN
TX
PWR_OK
L+
CQ
L-
TMP_OK
WAKE
RX
NFAULT
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
VCC_OUT
Figure 9-1. Typical Application Schematic
9.2.1 Design Requirements
TIOL112 and TIOL112x IO-Link transceivers can be used to communicate using the IO-Link protocol, or
as standard digital outputs to either sense or drive a wide range of sensors and loads. Table 9-1 shows
recommended components for a typical system design.
Table 9-1. Design Parameters
PARAMETERS
Design Requirement
TIOL112(x) Specification
Input voltage range (L+)
24 V (typ), 30 V (max)
7 V to 36 V
Output current (CQ)
200 mA
Choose 250 mA limit with RSET =
27 kΩ
LDO Output voltage
5 V
Choose TIOL1125; VCC_OUT =
5 V
LDO output current
5 mA
I(VCC_OUT): Up to 20 mA
Pull-up resistors for NFAULT and
WAKE
10 kΩ
10 kΩ
L+ decoupling capacitor
0.1 µF / 100 V
0.1 µF / 100 V
LDO output capacitor
1 µF / 10 V
1 µF / 10 V
Maximum Ambient Temperature,
TA
105 °C
TIOL112 can support up to TA of
125 °C if TJ < T(SDN)
www.ti.com
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com