Electronic Components Datasheet Search
  English  ▼

X  

PTIOL1125DRCR Datasheet(PDF) 23 Page - Texas Instruments

Part # PTIOL1125DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL1125DRCR Datasheet(HTML) 23 Page - Texas Instruments

Back Button PTIOL1125DRCR Datasheet HTML 19Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 20Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 21Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 22Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 23Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 24Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 25Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 26Page - Texas Instruments PTIOL1125DRCR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
In P-switch configuration, the load inductor L is magnetized when the CQ output is driven high. When the PNP
is turned off, there is a significant amount of negative inductive kick back at the CQ pin. This voltage is safely
clamped internally at about -15 V.
Similarly, in N-switch configuration, the load inductor L is magnetized when the CQ output is driven low. When
the NPN is turned off, there is a significant amount of positive inductive kick back at the CQ pin. This voltage is
safely clamped internally at about 15 V.
The equivalent protection circuits are shown in Figure 9-2 and Figure 9-3. The minimum value of the resistive
load R can be calculated as:
L
)
O LIM
(
V
R
I
(7)
L
R
CQ
L+
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
L-
Figure 9-2. P-Switch Mode
L
R
CQ
L+
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
L-
Figure 9-3. N-Switch Mode
www.ti.com
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com