Electronic Components Datasheet Search
  English  ▼

X  

EVALSTGAP2SM Datasheet(PDF) 6 Page - STMicroelectronics

Part # EVALSTGAP2SM
Description  Demonstration board for STGAP2SM isolated 4 A single gate driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTGAP2SM Datasheet(HTML) 6 Page - STMicroelectronics

Back Button EVALSTGAP2SM Datasheet HTML 2Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 3Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 4Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 5Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 6Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 7Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 8Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 9Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Bill of material
EVALSTGAP2SM
6/12
DB3768 Rev 1
2
Bill of material
Table 1. Bill of material
Part reference
Part value
Part description
EVALSTGAP2SM EVALSTGAP2SCM
CN3, CN5, CN6
TE 928814-1
FASTON 6.35 mm TAB
C1
N.M.
Film capacitor, 27.5 mm pitch
C2
33 nF / 1.25 kV
Film capacitor, 15 mm pitch
C3, C5, C8, C16
100 nF / 50 V
Ceramic capacitor, SMT 0603
C6, C10
N.M.
Ceramic capacitor, SMT 0805
C7
4.7 μF / 16 V
Ceramic capacitor, SMT 0603
C11
10 μF / 25 V
Ceramic capacitor, SMT 0805
C12, C13, C14, C15
220 pF / 25 V
Ceramic capacitor, SMT 0603
C17, C18, C20, C21
1 μF / 50 V
Ceramic capacitor, SMT 0805
C19, C23
N.M.
Ceramic capacitor, SMT 0603
C22, C26
4.7 μF / 50 V
Ceramic capacitor, SMT 1206
C27, C28, C29, C31,
C32, C33
1 μF / 50 V
Ceramic capacitor, SMT 0603
C34, C35
N.M.
Ceramic capacitor, SMT 1812
C36
N.M.
Electrolytic capacitor diam. 22 mm,
pitch 7.5/10 mm
D1, D7
BZT585B2V7T
Zener diode 2.7 V, SOD-523
D2
MMSZ3V3T1G
Zener diode 3.3 V, SOD-123
D3
STTH112A
HV ultrafast diode 1200 V, 1 A, SMA
D4, D5
STPS2L40ZFY
Schottky diode 40 V, 2 A, SOD-123
D8, D10
BZT585B20T
Zener diode 20 V, SOD-523
D11, D13
BZT585B16T
Zener diode 16 V, SOD-523
FB1, FB2, FB3, FB4
BLM21AG471SN1
Ferrite Bead 470
, SMT 0805
JP1, JP5, JP6, JP12,
JP15, JP17, JP18, JP20
CLOSED
SMT jumper
JP7, JP13, JP14, JP16,
JP21
OPEN
SMT jumper
JP9, JP11
CLOSED
OPEN
SMT jumper
JP8, JP10
OPEN
CLOSED
SMT jumper
JP22
CLOSED 2-3
SMT jumper
J1, J2
N.M.
Connector header block T.H. 2 POS 5.08 mm
J9
PIN strip
Strip connector header 7 POS 2.54 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com